Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8150BMA-33 Datasheet(PDF) 73 Page - Pericom Semiconductor Corporation

Part # PI7C8150BMA-33
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BMA-33 Datasheet(HTML) 73 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BMA-33 Datasheet HTML 69Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 70Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 71Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 72Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 73Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 74Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 75Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 76Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 77Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 107 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 73 of 107
April 2015 – Revision 2.1
P_CBE [3:0]
Command
Action
bridge (but not equal to the secondary bus): claim and pass
through unchanged as a Type 1 Configuration Write.
3. Otherwise, ignore.
Configuration Write as Special Cycle Request
(device = 1Fh, function = 7h)
1. If the target bus is the bridges secondary bus:
claim and pass through as a special cycle.
2. If the target bus is a subordinate bus that exists
behind the bridge (but not equal to the secondary
bus): claim and pass through unchanged as a type
1 Configuration Write.
3. Otherwise ignore
1100
Memory Read
Multiple
Same as Memory Read
1101
Dual Address Cycle
Supported
1110
Memory Read Line
Same as Memory Read
1111
Memory Write and
Invalidate
Same as Memory Read
13.2
SECONDARY INTERFACE
S_CBE[3:0]
Command
Action
0000
Interrupt
Acknowledge
Ignore
0001
Special Cycle
Do not claim. Ignore.
0010
I/O Read
Same as Primary Interface
0011
I/O Write
Same as I/O Read.
0100
Reserved
-----
0101
Reserved
-----
0110
Memory Read
Same as Primary Interface
0111
Memory Write
Same as Memory Read.
1000
Reserved
-----
1001
Reserved
-----
1010
Configuration Read
Ignore
1011
Configuration Write
I. Type 0 Configuration Write: Ignore
II. Type 1 Configuration Write (not special cycle
request):Ignore
III. Configuration Write as Special Cycle Request (device
= 1Fh, function = 7h):
1. If the target bus is the bridge’s primary bus: claim and
pass through as a Special Cycle
2. If the target bus is neither the primary bus nor is it in range
of buses defined by the bridge’s secondary and subordinate
bus registers: claim and pass through unchanged as a Type 1
Configuration Write.
3. If the target bus is not the bridge’s primary bus, but is in
range of buses defined by the bridge’s secondary and
subordinate bus registers: ignore.
1100
Memory Read
Multiple
Same as Memory Read
1101
Dual Address Cycle
Supported
1110
Memory Read Line
Same as Memory Read
1111
Memory Write and
Invalidate
Same as Memory Read
15-0048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com