Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8150BMA-33 Datasheet(PDF) 63 Page - Pericom Semiconductor Corporation

Part # PI7C8150BMA-33
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BMA-33 Datasheet(HTML) 63 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BMA-33 Datasheet HTML 59Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 60Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 61Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 62Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 63Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 64Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 65Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 66Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 67Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 107 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 63 of 107
April 2015 – Revision 2.1
When the last locked transaction is a posted write transaction, PI7C8150B de-asserts
LOCK_L on the target bus at the end of the transaction because the lock was relinquished
at the end of the write transaction on the initiator bus.
When PI7C8150B receives a target abort or a master abort in response to a locked delayed
transaction, PI7C8150B returns a target abort or a master abort when the initiator repeats
the locked transaction. The initiator must then de-assert LOCK_L at the end of the
transaction. PI7C8150B sets the appropriate status bits, flagging the abnormal target
termination condition (see Section 3.8). Normal forwarding of unlocked posted and
delayed transactions is resumed.
When PI7C8150B receives a target abort or a master abort in response to a locked posted
write transaction, PI7C8150B cannot pass back that status to the initiator. PI7C8150B
asserts SERR_L on the initiator bus when a target abort or a master abort is received during
a locked posted write transaction, if the SERR_L enable bit is set in the command register.
Signal SERR_L is asserted for the master abort condition if the master abort mode bit is set
in the bridge control register (see Section 6.4).
8
PCI BUS ARBITRATION
PI7C8150B must arbitrate for use of the primary bus when forwarding upstream
transactions. Also, it must arbitrate for use of the secondary bus when forwarding
downstream transactions. The arbiter for the primary bus resides external to PI7C8150B,
typically on the motherboard. For the secondary PCI bus, PI7C8150B implements an
internal arbiter. This arbiter can be disabled, and an external arbiter can be used instead.
This chapter describes primary and secondary bus arbitration.
8.1
PRIMARY PCI BUS ARBITRATION
PI7C8150B implements a request output pin, P_REQ_L, and a grant input pin, P_GNT_L,
for primary PCI bus arbitration. PI7C8150B asserts P_REQ_L when forwarding
transactions upstream; that is, it acts as initiator on the primary PCI bus. As long as at least
one pending transaction resides in the queues in the upstream direction, either posted write
data or delayed transaction requests, PI7C8150B keeps P_REQ_L asserted. However, if a
target retry, target disconnect, or a target abort is received in response to a transaction
initiated by PI7C8150B on the primary PCI bus, PI7C8150B de-asserts P_REQ_L for two
PCI clock cycles.
For all cycles through the bridge, P_REQ_L is not asserted until the transaction request has
been completely queued. When P_GNT_L is asserted LOW by the primary bus arbiter
after PI7C8150B has asserted P_REQ_L, PI7C8150B initiates a transaction on the primary
bus during the next PCI clock cycle. When P_GNT_L is asserted to PI7C8150B when
P_REQ_L is not asserted, PI7C8150B parks P_AD, P_CBE, and P_PAR by driving them
to valid logic levels. When the primary bus is parked at PI7C8150B and PI7C8150B has a
transaction to initiate on the primary bus, PI7C8150B starts the transaction if P_GNT_L
was asserted during the previous cycle.
15-0048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com