Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8150BMA-33 Datasheet(PDF) 71 Page - Pericom Semiconductor Corporation

Part # PI7C8150BMA-33
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BMA-33 Datasheet(HTML) 71 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BMA-33 Datasheet HTML 67Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 68Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 69Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 70Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 71Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 72Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 73Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 74Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 75Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 107 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 71 of 107
April 2015 – Revision 2.1
12
RESET
This chapter describes the primary interface, secondary interface, and chip reset
mechanisms.
12.1
PRIMARY INTERFACE RESET
PI7C8150B has a reset input, P_RESET_L. When P_RESET_L is asserted, the following
events occur:
PI7C8150B immediately tri-states all primary and secondary PCI interface signals.
PI7C8150B performs a chip reset.
Registers that have default values are reset.
P_RESET_L asserting and de-asserting edges can be asynchronous to P_CLK and
S_CLKOUT. PI7C8150B is not accessible during P_RESET_L. After P_RESET_L is de-
asserted, PI7C8150B remains inaccessible for 16 PCI clocks before the first configuration
transaction can be accepted.
12.2
SECONDARY INTERFACE RESET
PI7C8150B is responsible for driving the secondary bus reset signals, S_RESET_L.
PI7C8150B asserts S_RESET_L when any of the following conditions are met:
Signal P_RESET_L is asserted. Signal S_RESET_L remains asserted as long as
P_RESET_L is asserted and does not de-assert until P_RESET_L is de-asserted.
The secondary reset bit in the bridge control register is set. Signal S_RESET_L
remains asserted until a configuration write operation clears the secondary reset bit.
S_RESET_L pin is asserted. When S_RESET_L is asserted, PI7C8150B immediately 3-
states all the secondary PCI interface signals associated with the secondary port. The
S_RESET_L in asserting and de-asserting edges can be asynchronous to P_CLK.
When S_RESET_L is asserted, all secondary PCI interface control signals, including the
secondary grant outputs, are immediately 3-stated. Signals S1_AD, S1_CBE[3:0]#, S_PAR
are driven low for the duration of S_RESET_L assertion. All posted write and delayed
transaction data buffers are reset. Therefore, any transactions residing inside the buffers at
the time of secondary reset are discarded.
When S_RESET_L is asserted by means of the secondary reset bit, PI7C8150B remains
accessible during secondary interface reset and continues to respond to accesses to its
configuration space from the primary interface.
12.3
CHIP RESET
The chip reset bit in the diagnostic control register can be used to reset the PI7C8150B and
the secondary bus.
15-0048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com