Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8150BMA-33 Datasheet(PDF) 102 Page - Pericom Semiconductor Corporation

Part # PI7C8150BMA-33
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BMA-33 Datasheet(HTML) 102 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BMA-33 Datasheet HTML 98Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 99Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 100Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 101Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 102Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 103Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 104Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 105Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 106Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 107 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 102 of 107
April 2015 – Revision 2.1
17.2
DC SPECIFICATIONS
Symbol
Parameter
Condition
Min.
Max.
Units
Notes
VDD,
AVCC
Supply Voltage
3
3.6
V
Vih
Input HIGH Voltage
0.5 VDD
VDD + 0.5
V
3, 4
Vil
Input LOW Voltage
-0.5
0.3 VDD
V
3, 4
Vih
CMOS Input HIGH Voltage
0.7 VDD
VDD + 0.5
V
1, 4
Vil
CMOS Input LOW Voltage
-0.5
0.3 VDD
V
1, 4
Vipu
Input Pull-up Voltage
0.7 VDD
V
3
Iil
Input Leakage Current
0 < Vin < VDD
10
A
3
Voh
Output HIGH Voltage
Iout = -500A
0.9VDD
V
3
Vol
Output LOW Voltage
Iout = 1500A
0.1 VDD
V
3
Voh
CMOS Output HIGH Voltage
Iout = -500A
VDD – 0.5
V
2
Vol
CMOS Output LOW Voltage
Iout = 1500A
0.5
V
2
Cin
Input Pin Capacitance
10
pF
3
CCLK
CLK Pin Capacitance
5
12
pF
3
CIDSEL
IDSEL Pin Capacitance
8
pF
3
Lpin
Pin Inductance
20
nH
3
Notes:
1. CMOS Input pins: S_CFN_L, TCK, TMS, TDI, TRST_L, SCAN_EN, SCAN_TM_L
2. CMOS Output pin: TDO
3. PCI pins: P_AD[31:0], P_CBE[3:0], P_PAR, P_FRAME_L, P_IRDY_L, P_TRDY_L,
P_DEVSEL_L, P_STOP_L, P_LOCK_L, PIDSEL_L, P_PERR_L, P_SERR_L, P_REQ_L,
P_GNT_L, P_RESET_L, S_AD[31:0], S_CBE[3:0], S_PAR, S_FRAME_L, S_IRDY_L,
S_TRDY_L, S_DEVSEL_L, S_STOP_L, S_LOCK_L, S_PERR_L, S_SERR_L,
S_REQ[7:0]_L, S_GNT[7:0]_L, S_RESET_L, S_EN, HSLED, HS_SW_L, HS_EN,
ENUM_L.
4. VDD is in reference to the VDD of the input device.
15-0048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com