Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # VT82C596
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button VT82C596 Datasheet HTML 16Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 17Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 18Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 19Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 20Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 21Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 22Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 23Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-14-
Pinouts
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Internal Real Time Clock
Signal Name
Pin #
I/O
Signal Description
RTCX1
N19
I
RTC Crystal Input: 32.768 KHz crystal or oscillator input.
RTCX2
R20
O
RTC Crystal Output: 32.768 KHz crystal output
RTCCS# / GPO24
M2
O
MultiFunction Pin
External RTC Chip Select. (Rx76[0] = 0) Asserted for read or write accesses to
RTC port 71h. Externally connected to a pair of OR gates (to logically AND
the chip select with IOR# and IOW#) to generate the active-low RTC read and
write commands.
General Purpose Output 24. (Rx76[0] = 1) General purpose output.
RTCAS / GPO25
L1
O
MultiFunction Pin
External RTC Address Strobe. (Rx76[1] = 0) Asserted for writes to RTC I/O
Port 70h.
General Purpose Output 25. (Rx76[1] = 1) General purpose output.
Internal Keyboard Controller
Signal Name
Pin #
I/O
Signal Description
KEYLOCK / PIRQ1
J4
I
Extended Function (PIIX4 PIRQ1)
Rx59[1]=1
Key Lock. Input to internal keyboard controller
KBCK / NC
N3
IO
Extended Function (PIIX4 No Connect)
Rx5A[0]=1 (Internal keyboard controller enabled –strapped from XD0)
Keyboard Clock
KBDT / NC
M5
IO
Extended Function (PIIX4 No Connect)
Rx5A[0]=1 (Internal keyboard controller enabled –strapped from XD0)
Keyboard Data
MSCK / A20GATE
P1
IO
MultiFunction Pin
Rx5A[1]=0 (internal keyboard controller disabled – strapped from XD1)
Gate A20. From optional external keyboard controller
Rx5A[1]=1 (internal keyboard controller enabled –strapped from XD1)
Mouse Clock. Mouse clock (extended function not available on PIIX4)
MSDT / KBCS# / GPO26
K1
IO
MultiFunction Pin
Rx5A[1]=0 (Internal keyboard controller disabled –strapped from XD1)
Keyboard Controller Chip Select. (Rx76[2]=0 external keyboard controller
enabled) Chip select for external keyboard controller.
General Purpose Output 26
(Rx76[2]=1 external keyboard controller
disabled) General purpose output
Rx5A[1]=1 (Internal keyboard controller enabled –strapped from XD1)
Mouse Data. Mouse data (extended function not available on PIIX4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com