Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # VT82C596
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button VT82C596 Datasheet HTML 15Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 16Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 17Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 18Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 19Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 20Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 21Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 22Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-13-
Pinouts
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
XD Interface
Signal Name
Pin #
I/O
Signal Description
XDIR# / GPO22
M3
O
MultiFunction Pin
X-Bus Data Direction. (Rx75[6]=0) Asserted low for all I/O read cycles and for
memory read cycles to the programmed BIOS or APIC address space. XDIR# is
tied directly to the direction control of a 74F245 transceiver that buffers the X-Bus
data and ISA-Bus data. SD0-7 connect to the “A” side of the transceiver and
XD0-7 connect to the “B” side. XDIR# high indicates that SD0-7 drives XD0-7.
General Purpose Output 22. (Rx75[6]=1) General purpose output.
XOE# / GPO23
M4
O
MultiFunction Pin
X-Bus Output Enable. (Rx75[6]=0) Asserted low for all decoded X-Bus cycles.
XOE# is tied directly to the output enable of a 74F245 transceiver that buffers the
X-Bus data and ISA-Bus data (see XDIR# above).
General Purpose Output 23. (Rx75[6]=1) General purpose output.
KBCS# / GPO26
K1
O
MultiFunction Pin
External Keyboard Controller Chip Select. (Rx76[2] = 0) Asserted during read
or write accesses to I/O ports 60h and 64h.
General Purpose Output 26. (Rx76[2]=1) General purpose output.
ROMCS#
K2
O
ROM Chip Select. Chip Select to the BIOS ROM.
MCCS#
N4
O
Microcontroller Chip Select. Asserted during read or write accesses to I/O ports
62h or 66h.
PCS[1-0]#
N5, L4
O
Programmable Chip Selects. Asserted during I/O cycles to programmable read or
write ISA address ranges. Devices selected by these pins are assumed to be on the X-
Bus (XDIR# and XOE# are enabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com