Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # VT82C596
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button VT82C596 Datasheet HTML 23Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 24Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 25Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 26Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 27Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 28Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 29Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 30Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-21-
Register Overview
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
REGISTERS
Register Overview
The following tables summarize the configuration and I/O
registers of the VT82C596B. These tables also document the
power-on default value (“Default”) and access type (“Acc”) for
each register.
Access type definitions used are RW
(Read/Write), RO (Read/Only), “—” for reserved / used
(essentially the same as RO), and RWC (or just WC) (Read /
Write 1’s to Clear individual bits). Registers indicated as RW
may have some read/only bits that always read back a fixed
value (usually 0 if unused); registers designated as RWC or
WC may have some read-only or read write bits (see individual
register descriptions for details).
Detailed register descriptions are provided in the following
section of this document.
All offset and default values are
shown in hexadecimal unless otherwise indicated
Table 2. System I/O Map
Port
Function
Actual Port Decoding
00-1F
Master DMA Controller
0000 0000 000x nnnn
20-3F
Master Interrupt Controller 0000 0000 001x xxxn
40-5F
Timer / Counter
0000 0000 010x xxnn
60-6F
Keyboard Controller
0000 0000 0110 xnxn
(60h)
KBC Data
0000 0000 0110 x0x0
(61h)
Misc Functions & Spkr Ctrl 0000 0000 0110 xxx1
(64h)
KBC Command / Status
0000 0000 0110 x1x0
70-77
RTC/CMOS/NMI-Disable 0000 0000 0111 0nnn
78-7F
-available for system use-
0000 0000 0111 1xxx
80
-reserved- (debug port)
0000 0000 1000 0000
81-8F
DMA Page Registers
0000 0000 1000 nnnn
90-91
-available for system use-
0000 0000 1001 000x
92
System Control
0000 0000 1001 0010
93-9F
-available for system use-
0000 0000 1001 nnnn
A0-BF
Slave Interrupt Controller
0000 0000 101x xxxn
C0-DF
Slave DMA Controller
0000 0000 110n nnnx
E0-FF
-available for system use-
0000 0000 111x xxxx
100-CF7
-available for system use-
CF8-CFB
PCI Configuration Address 0000 1100 1111 10xx
CFC-CFF
PCI Configuration Data
0000 1100 1111 11xx
D00-FFFF -available for system use-
Table 3. Registers
Legacy I/O Registers
Port
Master DMA Controller Registers
Default Acc
00
Channel 0 Base & Current Address
RW
01
Channel 0 Base & Current Count
RW
02
Channel 1 Base & Current Address
RW
03
Channel 1 Base & Current Count
RW
04
Channel 2 Base & Current Address
RW
05
Channel 2 Base & Current Count
RW
06
Channel 3 Base & Current Address
RW
07
Channel 3 Base & Current Count
RW
08
Status / Command
RW
09
Write Request
WO
0A
Write Single Mask
WO
0B
Write Mode
WO
0C
Clear Byte Pointer FF
WO
0D
Master Clear
WO
0E
Clear Mask
WO
0F
Read / Write Mask
RW
Port
Master Interrupt Controller Regs
Default Acc
20
Master Interrupt Control
—
*
21
Master Interrupt Mask
—
*
20
Master Interrupt Control Shadow
—
RW
21
Master Interrupt Mask Shadow
—
RW
* RW if shadow registers are disabled
Port
Timer/Counter Registers
Default Acc
40
Timer / Counter 0 Count
RW
41
Timer / Counter 1 Count
RW
42
Timer / Counter 2 Count
RW
43
Timer / Counter Control
WO
Port
Keyboard Controller Registers
Default Acc
60
Keyboard Controller Data
RW
61
Misc Functions & Speaker Control
RW
64
Keyboard Ctrlr Command / Status
RW
Port
CMOS / RTC / NMI Registers
Default Acc
70
CMOS Memory Address & NMI Disa
WO
71
CMOS Memory Data (128 bytes)
RW
72
CMOS Memory Address
RW
73
CMOS Memory Data (256 bytes)
RW
74
CMOS Memory Address
RW
75
CMOS Memory Data (256 bytes)
RW
NMI Disable is port 70h (CMOS Memory Address) bit-7.
RTC control occurs via specific CMOS data locations (0-0Dh).
Ports 72-73 may be used to access all 256 locations of CMOS.
Ports 74-75 may be used to access CMOS if the internal RTC is
disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com