Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596 Datasheet(PDF) 85 Page - List of Unclassifed Manufacturers

Part # VT82C596
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596 Datasheet(HTML) 85 Page - List of Unclassifed Manufacturers

Back Button VT82C596 Datasheet HTML 81Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 82Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 83Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 84Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 85Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 86Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 87Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 88Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 89Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-79-
Functional Descriptions
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
System Suspend States and Power Plane Control
There are three power planes inside the VT82C596B.
The
first power plane (VCCSUS) is always on unless turned off by
the mechanical switch.
The second power plane (VCC) is
controlled by chip output SUSC# (also called “PSON”). The
third plane (VCCRTC) is powered by the combination of the
VCCSUS and the external battery (VBAT) for the integrated
real time clock. Most of the circuitry inside the VT82C596B
is powered by VCC.
The amount of logic powered by
VCCSUS is very small; its main function is to control the
supply of VCC and other power planes. VCCRTC is always on
unless both the mechanical switch and VBAT are removed.
The VT82C596B supports multiple system suspend states by
configuring the SLP_TYP field of ACPI I/O space register
Rx4-5:
a)
POS (Power On Suspend):
Most devices in the
system remain powered. The host bus is put into an
equivalent of the C3 state. In particular, the CPU is
put into the Stop Grant State or Stop Clock State
depending on the setting of the HOST_STP bit.
SUSST1# is asserted to tell the north bridge to switch
to “Suspend DRAM Refresh” mode based on the
32KHz SUSCLK provided by the VT82C596B. As
to the PCI bus, setting the PCLK_RUN bit to 0
enables the CLKRUN protocol defined in the PCI
Mobile Design Guide. That is, the PCKRUN# pin
will be de-activated after the PCI bus is idle for 26
clocks.
Any PCI bus masters including the north
bridge may resume PCI clock operation by pulling
the PCKRUN# pin low. During the PCKRUN# de-
activation period, the PCISTP# pin may be activated
to disable the output of the PCI clock generator if the
PCI_STP bit is enabled. When the system resumes
from POS, the VT82C496 can optionally resume
without resetting the system, can reset the processor
only, or can reset the entire system. When no reset is
performed, the chip only needs to wait for the clock
synthesizer and processor PLL to lock before the
system is resumed, which typically takes 20ms.
b)
STR (Suspend to DRAM): Power is removed from
most of the system except the system DRAM. Power
is supplied to the suspend refresh logic in the north
bridge (VTT of VT82C598AT) and the suspend logic
of the VT82C596B (VCCSUS).
The VT82C596B
provides a 32KHz suspend clock to the north bridge
for it to use to continue DRAM refresh.
c)
STD (Suspend to Disk, also called Soft-off): Power
is removed from most of the system except the
suspend logic of VT82C596B (VCCSUS).
d)
Mechanical Off: This is not a suspend state. All
power in the system is removed except the RTC
battery.
The suspend state is entered by setting the SLP_EN bit to 1.
Three power plane control signals (SUSA#, SUSB# and
SUSC#) are provided to turn off more system power planes as
the system moves to deeper power-down states, i.e., from
normal operation to POS (only SUSA# asserted), to STR (both
SUSA# and SUSB# asserted), and to STD (all three SUS#
signals asserted). In particular, the assertion of SUSC# can be
used to turn off the VCC supply to the VT82C596B.
Two suspend status indicators (SUSST1-2#) are provided to
inform the north bridge and the rest of the system of the
processor and system suspend states.
SUSST2# is asserted
when the system enters any suspend state.
SUSST1# is
asserted when the system enters the suspend state or the
processor enters the C3 state. SUSST1# is connected to the
north bridge to switch between normal and suspend-DRAM-
refresh modes.
General Purpose I/O Ports
As ACPI compliant hardware, the VT82C596B includes
PWRBTN#, SLPBTN#, and RI# pins to implement power
button,
sleep
button,
and
ring
indicator
functionality,
respectively.
Furthermore, the VT82C596B offers many
general-purpose I/O ports with the following capabilities:
• I
2C/SMB Support
• Thermal Detect
• Notebook Lid Open/Close Detect
• Battery Low Detect
• Twenty-two
General
Purpose
Input
Ports
(10
dedicated and 12 multiplexed with other functions).
• Thirty-one General Purpose Output Ports (6 dedicated
and 25 multiplexed with other functions)
In addition, the VT82C596B provides eight external SMI pins
(one dedicated EXTSMI# pin and seven pins shared with
general purpose input pins).
Once enabled, each of the
external SMI inputs triggers an SCI or SMI at both the rising
and falling edges of the corresponding input signal. Software
can check the status of the input pins and take appropriate
actions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com