Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596 Datasheet(PDF) 72 Page - List of Unclassifed Manufacturers

Part # VT82C596
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596 Datasheet(HTML) 72 Page - List of Unclassifed Manufacturers

Back Button VT82C596 Datasheet HTML 68Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 69Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 70Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 71Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 72Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 73Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 74Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 75Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 76Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-66-
Function 3 Registers - Power Management and SMBus
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
System Management Bus I/O-Space Registers
I/O Offset 00 – SMBus Host Status...............................RWC
7-5
Reserved
........................................ always reads 0
4
Failed Bus Transaction....................................RWC
0
SMBus interrupt not caused by failed bus
transaction ..............................................default
1
SMBus
interrupt
caused
by
failed
bus
transaction.
This bit may be set when the
KILL bit (I/O Rx02[1]) is set and can be
cleared by writing a 1 to this bit position.
3
Bus Collision .....................................................RWC
0
SMBus interrupt not caused by transaction
collision ..................................................default
1
SMBus
interrupt
caused
by
transaction
collision. This bit is only set by hardware and
can be cleared by writing a 1 to this bit
position.
2
Device Error .....................................................RWC
0
SMBus interrupt not caused by generation of
an SMBus transaction error ....................default
1
SMBus interrupt caused by generation of an
SMBus transaction error (illegal command
field, unclaimed host-initiated cycle, or host
device timeout).
This bit is only set by
hardware and can be cleared by writing a 1 to
this bit position.
1
SMBus Interrupt..............................................RWC
0
SMBus interrupt not caused by host command
completion..............................................default
1
SMBus interrupt caused by host command
completion. This bit is only set by hardware
and can be cleared by writing a 1 to this bit
position.
0Host Busy
..........................................................RO
0
SMBus
controller
host
interface
is
not
processing a coimmand ..........................default
1
SMBus host controller is busy processing a
coimmand. None of the other SMBus registers
should be accessed if this bit is set.
I/O Offset 01h – SMBus Slave Status........................... RWC
7-6
Reserved
........................................ always reads 0
5
Alert Status ..................................................... RWC
0
SMBus interrupt not caused by SMBALERT#
signal .................................................... default
1
SMBus interrupt caused by SMBALERT#
signal. This bit will be set only if the Alert
Enable bit is set in the SMBus Slave Control
Register at I/O Offset R08[3]. This bit is only
set by hardware and can be cleared by writing
a 1 to this bit position.
4
Shadow 2 Status............................................... RWC
0
SMBus interrupt not caused by address match
to SMBus Shadow Address Port 2......... default
1
SMBus interrupt or resume event caused by
slave cycle address match to SMBus Shadow
Address Port 2.
This bit is only set by
hardware and can be cleared by writing a 1 to
this bit position.
3
Shadow 1 Status............................................... RWC
0
SMBus interrupt not caused by address match
to SMBus Shadow Address Port 1......... default
1
SMBus interrupt or resume event caused by
slave cycle address match to SMBus Shadow
Address Port 1.
This bit is only set by
hardware and can be cleared by writing a 1 to
this bit position.
2
Slave Status ..................................................... RWC
0
SMBus interrupt not caused by slave event
match .................................................... default
1
SMBus interrupt or resume event caused by
slave cycle event match of the SMBus Slave
Command
Register
at
PCI
Function
3
Configuration Offset 85h (command match)
and the SMBus Slave Event Register at
SMBus Base + Offset 0Ah (data event match).
This bit is only set by hardware and can be
cleared by writing a 1 to this bit position.
1
Reserved
........................................ always reads 0
0
Slave Busy
......................................................... RO
0
SMBus
controller
slave
interface
is
not
processing data ...................................... default
1
SMBus controller slave interface is busy
receiving data.
None of the other SMBus
registers should be accessed if this bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com