Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596 Datasheet(PDF) 86 Page - List of Unclassifed Manufacturers

Part # VT82C596
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596 Datasheet(HTML) 86 Page - List of Unclassifed Manufacturers

Back Button VT82C596 Datasheet HTML 82Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 83Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 84Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 85Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 86Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 87Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 88Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 89Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 90Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-80-
Functional Descriptions
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Power Management Events
Three types of power management events are supported:
1) ACPI-required Fixed Events defined in the PM1a_STS
and PM1a_EN registers. These events can trigger either
SCI or SMI depending on the SCI_EN bit:
• PWRBTN# Triggering
•RTC Alarm
• Sleep Button
• ACPI Power Management Timer Carry (always SCI)
• BIOS Release (always SCI)
2) ACPI-aware General Purpose Function Events defined
in the GP_STS and GP_SCI_EN, and GP_SMI_EN
registers.
These events can trigger either SCI or SMI
depending on the setting of individual SMI and SCI
enable bits:
• External SMI triggering
•USB Resume
• Ring Indicator (RI#)
• Battery Low Detect (BATLOW#)
• Notebook Lid Open/Close Detect (LID)
• Thermal Detect (THRM#)
3) Generic Global Events defined in the GBL_STS and
GBL_EN registers. These registers are mainly used for
SMI:
• PCI Bus Clock Run Resume
• Primary Interrupt Occurance
• GP0 and GP1 Timer Time Out
• Secondary Event Timer Time Out
• Occurrence of Primary Events
(defined in register PACT_STS and PACT_EN)
• Legacy USB accesses (keyboard and mouse)
- Software SMI
System and Processor Resume Events
Depending on the system suspend state, different features can
be enabled to resume the system. There are two classes of
resume events:
a)
VCCSUS-based events.
Event logic resides in the
VCCSUS plane and thus can resume the system from
any suspend state. Such events include PWRBTN#,
RI#, BATLOW#, LID, SMBus resume event, RTC
alarm, EXTSMI#, and GP1 (EXTSMI1#).
b)
VCC-Based Events. Event logic resides in the VCC
plane and thus can only resume the system from the
POS state. Such events include the ACPI PM timer,
USB resume, and EXTSMI2-7#.
PCKRUN#
PCLK
HCLK
GCLK
Skt-7 or Slot-1
Host CPU
CPU Bus
CKE#
Memory Bus
SMBus
ISA
VT82C598MVP
Apollo MVP3
or
VT82C693
Apollo ProPlus
PC100
SDRAM
3D
Graphics
Controller
AGP Bus
PCISTP#
GPIO and ACPI Events
BIOS ROM
ZZ
L2 Cache
(Socket-7)
GCKRUN#
PCI Bus
IDE
USB
Power Plane & Peripheral Control
VT82C596B
324 BGA
Keyboard / Mouse
CPUSTP#
Clock
Generator
MCLK
HCLK
GCLK
PCLK
SMI# / STPCLK#
SUSCLK,
SUSST1#
SMIACT#
Module ID
Figure 7. Apollo MVP3 System Block Diagram Using the VT82C596B South Bridge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com