Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # VT82C596
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button VT82C596 Datasheet HTML 41Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 42Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 43Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 44Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 45Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 46Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 47Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 48Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-39-
PCI Function 0 Registers - PCI-to-ISA Bridge
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Plug and Play Control
Offset 50 - Reserved (Do Not Program) ..........................RW
7-0
Reserved
.......................................... default = 24h
Offset 54 - PCI IRQ Polarity............................................RW
7-4
Reserved
........................................ always reads 0
3PIRQA#
0
Non-invert (Level)..................................default
1
Invert (Edge)
2PIRQB#
0
Non-invert (Level)..................................default
1
Invert (Edge)
1PIRQC#
0
Non-invert (Level)..................................default
1
Invert (Edge)
0PIRQD#
0
Non-invert (Level)..................................default
1
Invert (Edge)
Note:
PIRQA-D# normally connect to PCI interrupt pins
INTA-D# (see pin definitions for more information).
Offset 55 - PNP IRQ Routing 1 ........................................RW
7-4
PIRQA# Routing (see PnP IRQ routing table)
3-0
PIRQ0 Routing (see PnP IRQ routing table)
Offset 56 - PNP IRQ Routing 2 ........................................RW
7-4
PIRQC# Routing (see PnP IRQ routing table)
3-0
PIRQB# Routing (see PnP IRQ routing table)
Offset 57 - PNP IRQ Routing 3 ........................................RW
7-4
PIRQD# Routing (see PnP IRQ routing table)
3-0
PIRQ1 Routing (see PnP IRQ routing table)
Offset 58 - PNP IRQ Routing 4 ....................................... RW
7-4
Reserved
........................................ always reads 0
3-0
PIRQ2 Routing (see PnP IRQ routing table)
PnP IRQ Routing Table
0000 Disabled ................................................. default
0001 IRQ1
0010 Reserved
0011 IRQ3
0100 IRQ4
0101 IRQ5
0110 IRQ6
0111 IRQ7
1000 Reserved
1001 IRQ9
1010 IRQ10
1011 IRQ11
1100 IRQ12
1101 Reserved
1110 IRQ14
1111 IRQ15
Offset 59 - PIRQ Pin Configuration (04h)...................... RW
7-3
Reserved
........................................ always reads 0
2
PIRQ2 / GPI21 Selection (Pin G3)
0PIRQ2
1
GPI21 .................................................... default
1
PIRQ1 / KEYLOCK Selection (Pin J4)
0
PIRQ1 .................................................... default
1KEYLOCK
0
PIRQ0 / GPI20 Selection (Pin H5)
0
PIRQ0 .................................................... default
1GPI20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com