Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596 Datasheet(PDF) 67 Page - List of Unclassifed Manufacturers

Part # VT82C596
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596 Datasheet(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button VT82C596 Datasheet HTML 63Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 64Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 65Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 66Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 67Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 68Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 69Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 70Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-61-
Function 3 Registers - Power Management and SMBus
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Offset 4B-48 – Power Management I/O Base .................RW
31-16 Reserved
........................................ always reads 0
15-7 Power Management I/O Register Base Address.
Port Address for the base of the 128-byte Power
Management I/O Register block, corresponding to
AD[15:7].
The "I/O Space" bit at offset 41 bit-7
enables access to this register block. The definitions
of the registers in the Power Management I/O
Register Block are included later in this document,
following
the
Power-Management-Specific
PCI
Configuration register descriptions and the Power
Management Subsystem overview.
6-0
0000001b
Offset 4C – Host Bus Power Management Control........RW
7-4
Thermal Duty Cycle (THM_DTY)
This 4-bit field determines the duty cycle of the
STPCLK# signal when the THRM# pin is asserted
low. The field is decoded as follows:
0000 Reserved
0001 0-6.25%
0010 6.25-12.50%
0011 18.75-25.00%
0100 31.25-37.50%
0101 37.50-43.75%
0110 43.75-50.00%
0111 50.00-56.25%
1000 56.25-62.50%
1001 62.50-68.75%
1010 68.75-75.00%
1011 75.00-87.50%
1100 75.00-81.25%
1101 81.25-87.50%
1110 87.50-93.75%
1111 93.75-100%
3-2
Reserved
........................................ always reads 0
1
SRAM ZZ
0
Disable ...................................................default
1
Enable (power down the cache SRAM)
0
CPU Stop Grant Cycle Select
0
From Halt and Stop Grant Cycle ............default
1
From Stop Grant Cycle
This bit is combined with I/O space Rx2C[3] for
controlling the start of STPCLK# assertion during
system suspend mode:
Rx2C[3]
Rx4C[0]
Function 3
Function 3
I/O Space
Cfg Space
STPCLK# Assertion
0
x
Immediate
1
0
Wait for CPU Halt
/ Stop Grant cycle
1
1
Wait for CPU
Stop Grant cycle
Offset 4D – Clock Stop Control ....................................... RW
7-3
Reserved
........................................ always reads 0
2
Internal Clock Stop for PCI Idle
0
Disable................................................... default
1Enable
1
Internal Clock Stop During C3
0
Disable................................................... default
1Enable
0
Internal Clock Stop During Suspend
0
Disable................................................... default
1Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com