Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # VT82C596
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button VT82C596 Datasheet HTML 17Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 18Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 19Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 20Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 21Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 22Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 23Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 24Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-15-
Pinouts
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
PC/PCI and Serial IRQ Control
Signal Name
Pin #
I/O
Signal Description
REQ[A-C]# / GPI[2-4]
M1, N2, P3
I
PC/PCI DMA Requests. Used by PCI agent to request DMA services
per the PC/PCI protocol. For GPI functions refer to Rx7D[2-0].
GNT[A-C]# / GPO[9-11]
N1, P2, P4
O
PC/PCI DMA Grants. Used to acknowledge DMA services per the
PC/PCI protocol. For GPO functions refer to Rx7D[2-0].
SERIRQ / GPI7
J19
I
Serial Interrupt Request. Used with Distributed DMA. For GPI see
Rx68[3].
A20 Control
Signal Name
Pin #
I/O
Signal Description
A20GATE / MSCK
P1
I
Gate A20: Gate A20 output from optional external keyboard controller
if used. Logically combined with Port 92 bit-1 (Fast_A20) and output
on the A20M# signal. If the internal keyboard / PS2 mouse controller is
used, this pin becomes the mouse clock input (the A20GATE signal
comes directly from the internal keyboard controller).
A20M#
M20
OD
A20 Mask. Connect to A20 mask input of the CPU.
APIC Interface
Signal Name
Pin #
I/O
Signal Description
APICREQ# / WSC# / GPI5
K18
I / I / I
MultiFunction Pin
Internal APIC Write Snoop Complete. (Rx74[7]=1 & Rx74[1]=1)
Asserted by the north bridge to indicate that all snoop activity on the
CPU bus initiated by the last PCI-to-DRAM write is complete and
that it is safe to perform an APIC interrupt.
External APIC Request. (Rx74[7]=1 & Rx74[1]=0) Asserted by
external APIC synchronous to PCICLK prior to sending an interrupt
over the APIC serial bus. This signals the VT82C596B to flush its
internal buffers.
General Purpose Input 5. (Rx74[7] = 0)
APICCS# / APICD0 / GPO13
H18
O / O / O
MultiFunction Pin
Internal APIC Data 0. (Rx74[7]=1 & Rx74[1]=1)
External APIC Chip Select. (Rx74[7]=1 & Rx74[1]=0) The
VT82C596B drives this signal active to select an external APIC (if
used). This occurs if the external APIC is enabled and a PCI cycle is
detected within the programmed APIC address range.
General Purpose Output 13. (Rx74[7] = 0)
APICACK# / APICD1 / GPO12
J17
O / O / O
MultiFunction Pin
Internal APIC Data 1. (Rx74[7]=1 & Rx74[1]=1)
External APIC Acknowledge. (Rx74[7]=1 & Rx74[1]=0) Asserted by
the VT82C596B to indicate that it internal buffers have been flushed
(in response to APICREQ#). This indicates to the external APIC that
the VT82C596B’s internal buffers have been flushed and that it is OK
for the APIC to send its interrupt.
General Purpose Output 12. (Rx74[7] = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com