Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # VT82C596
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button VT82C596 Datasheet HTML 32Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 33Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 34Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 35Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 36Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 37Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 38Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 39Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-30-
Register Descriptions - Legacy I/O Ports
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Keyboard Controller Registers
The keyboard controller handles the keyboard and mouse
interfaces. Two ports are used: port 60 and port 64. Reads
from port 64 return a status byte.
Writes to port 64h are
command codes (see command code list following the register
descriptions). Input and output data is transferred via port 60.
A “Control” register is also available.
It is accessable by
writing commands 20h / 60h to the command port (port 64h);
The control byte is written by first sending 60h to the
command port, then sending the control byte value.
The
control register may be read by sending a command of 20h to
port 64h, waiting for “Output Buffer Full” status = 1, then
reading the control byte value from port 60h.
Traditional (non-integrated) keyboard controllers have an
“Input Port” and an “Output Port” with specific pins dedicated
to certain functions and other pins available for
general
purpose I/O. Specific commands are provided to set these pins
high and low. All outputs are “open-collector” so to allow
input on one of these pins, the output value for that pin would
be set high (non-driving) and the desired input value read on
the input port. These ports are defined as follows:
Bit
Input Port
Lo Code Hi Code
0
P10 - Keyboard Data In
B0
B8
1
P11 - Mouse Data In
B1
B9
2
P12 - Turbo Pin (PS/2 mode only)
B2
BA
3
P13 - user-defined
B3
BB
4
P14 - user-defined
B6
BE
5
P15 - user-defined
B7
BF
6
P16 - user-defined
–
–
7
P17 - undefined
–
–
Bit
Output Port
Lo Code Hi Code
0
P20 - SYSRST (1=execute reset)
–
–
1
P21 - GATEA20 (1=A20 enabled)
–
–
2
P22 - Mouse Data Out
B4
BC
3
P23 - Mouse Clock Out
B5
BD
4
P24 - Keyboard OBF Interrupt (IRQ1) –
–
5
P25 - Mouse OBF Interrupt (IRQ 12)
–
–
6
P26 - Keyboard Clock Out
–
–
7
P27 - Keyboard Data Out
–
–
Bit
Test Port
Lo Code Hi Code
0
T0 - Keyboard Clock In
–
–
1
T1 - Mouse Clock In
–
–
Note:
Command code C0h transfers input port data to the
output buffer. Command code D0h copies output port values
to the output buffer. Command code E0h transfers test input
port data to the output buffer.
Port 60 - Keyboard Controller Input Buffer ................. WO
Only write to port 60h if port 64h bit-1 = 0 (1=full).
Port 60 - Keyboard Controller Output Buffer ................RO
Only read from port 60h if port 64h bit-0 = 1 (0=empty).
Port 64 - Keyboard / Mouse Status .................................. RO
0
Keyboard Output Buffer Full
0
Keyboard Output Buffer Empty............. default
1
Keyboard Output Buffer Full
1
Input Buffer Full
0
Input Buffer Empty................................ default
1
Input Buffer Full
2
System Flag
0
Power-On Default .................................. default
1
Self Test Successful
3
Command / Data
0
Last write was data write ....................... default
1
Last write was command write
4
Keylock Status
0Locked
1Free
5
Mouse Output Buffer Full
0
Mouse output buffer empty.................... default
1
Mouse output buffer holds mouse data
6
General Receive / Transmit Timeout
0
No error ................................................. default
1
Error
7
Parity Error
0
No parity error (odd parity received) ..... default
1
Even parity occurred on last byte received
from keyboard / mouse
KBC Control Register ..........(R/W via Commands 20h/60h)
7
Reserved
........................................ always reads 0
6
PC Compatibility
0
Disable scan conversion
1
Convert scan codes to PC format; convert 2-
byte break sequences to 1-byte PC-compatible
break codes ............................................ default
5
Mouse Disable
0
Enable Mouse Interface ......................... default
1
Disable Mouse Interface
4
Keyboard Disable
0
Enable Keyboard Interface .................... default
1
Disable Keyboard Interface
3
Keyboard Lock Disable
0
Enable Keyboard Inhibit Function......... default
1
Disable Keyboard Inhibit Function
2
System Flag ................................................ default=0
This bit may be read back as status register bit-2
1
Mouse Interrupt Enable
0
Disable mouse interrupts ....................... default
1
Generate interrupt on IRQ12 when mouse data
comes in output bufer
0
Keyboard Interrupt Enable
0
Disable Keyboard Interrupts.................. default
1
Generate interrupt on IRQ1 when output buffer
has been written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com