Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596 Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # VT82C596
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596 Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button VT82C596 Datasheet HTML 60Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 61Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 62Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 63Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 64Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 65Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 66Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 67Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-58-
Function 3 Registers - Power Management and SMBus
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Function 3 Registers - Power Management and SMBus
This section describes the ACPI (Advanced Configuration and
Power
Interface)
Power
Management
system
of
the
VT82C596B which includes a System Management Bus
(SMBus) interface controller. The power management system
of the VT82C596B supports both ACPI and legacy power
management functions and is compatible with the APM v1.2
and ACPI v1.0 specifications.
PCI Configuration Space Header
Offset 1-0 - Vendor ID .......................................................RO
0-7
Vendor ID
................. (1106h = VIA Technologies)
Offset 3-2 - Device ID.........................................................RO
0-7
Device ID
................ (3050h = ACPI Power Mgmt)
Offset 5-4 - Command.......................................................RW
15-8 Reserved
........................................ always reads 0
7
Address Stepping ........................................fixed at 0
6
Reserved (parity error response) ..................fixed at 0
5
Reserved (VGA palette snoop) ....................fixed at 0
4
Memory Write and Invalidate ...................fixed at 0
3
Reserved (special cycle monitoring) ............fixed at 0
2Bus Master .................................................fixed at 0
1
Memory Space.............................................fixed at 0
0
I/O Space
.................................................fixed at 0
Offset 7-6 - Status ...........................................................RWC
15
Detected Parity Error ........................ always reads 0
14
Signalled System Error...................... always reads 0
13
Received Master Abort...................... always reads 0
12
Received Target Abort ...................... always reads 0
11
Signalled Target Abort ...................... always reads 0
10-9 DEVSEL# Timing
00 Fast
01 Medium .....................................default (fixed)
10 Slow
11 Reserved
8
Data Parity Detected.......................... always reads 0
7
Fast Back to Back Capable ............... always reads 1
6-0
Reserved
........................................ always reads 0
Offset 8 - Revision ID (nnh) .............................................. RO
7-0
Silicon Revision Code ........................... default = 20h
Offset 9 - Programming Interface (00h) .......................... RO
The value returned by this register may be changed by writing
the desired value to PCI Configuration Function 3 offset 61h.
Offset A - Sub Class Code (00h) ....................................... RO
The value returned by this register may be changed by writing
the desired value to PCI Configuration Function 3 offset 62h.
Offset B - Base Class Code (00h) ...................................... RO
The value returned by this register may be changed by writing
the desired value to PCI Configuration Function 3 offset 63h.
Offset 0D - Latency Timer ............................................... RW
7-0
Timer Value .............................................. default = 0
Offset 0E - Header Type (00h).......................................... RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com