Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # VT82C596
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button VT82C596 Datasheet HTML 36Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 37Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 38Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 39Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 40Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 41Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 42Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 43Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-34-
Register Descriptions - Legacy I/O Ports
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
CMOS / RTC Registers
Port 70 - CMOS Address ................................................. WO
7NMI Disable......................................................... WO
0
Enable NMI Generation. NMI is asserted on
encountering IOCHCK# on the ISA bus or
SERR# on the PCI bus.
1
Disable NMI Generation ........................default
6-0
CMOS Address (lower 128 bytes)....................... WO
Port 71 - CMOS Data........................................................RW
7-0
CMOS Data (128 bytes)
Note:
Ports 70-71 may be accessed if Rx5A bit-2 is set to
one to select the internal RTC. If Rx5A bit-2 is set to
zero, accesses to ports 70-71 will be directed to an
external RTC.
Port 72 - CMOS Address ..................................................RW
7-0
CMOS Address (256 bytes)................................. RW
Port 73 - CMOS Data........................................................RW
7-0
CMOS Data (256 bytes)
Note:
Ports 72-73 may be accessed if Rx5A bit-2 is set to
one to select the internal RTC. If Rx5A bit-2 is set to
zero, accesses to ports 72-73 will be directed to an
external RTC.
Port 74 - CMOS Address ..................................................RW
7-0
CMOS Address (256 bytes)................................. RW
Port 75 - CMOS Data........................................................RW
7-0
CMOS Data (256 bytes)
Note:
Ports 74-75 may be accessed only if Function 0 Rx5B
bit-1 is set to one to enable the internal RTC SRAM
and if Rx48 bit-3 (Port 74/75 Access Enable) is set to
one to enable port 74/75 access.
Note:
Ports 70-71 are compatible with PC industry-
standards and may be used to access the lower 128
bytes of the 256-byte on-chip CMOS RAM. Ports
72-73 may be used to access the full extended 256-
byte space. Ports 74-75 may be used to access the
full on-chip extended 256-byte space in cases where
the on-chip RTC is disabled.
Note:
The system Real Time Clock (RTC) is part of the
“CMOS” block.
The RTC
control registers are
located at specific offsets in the CMOS data area (0-
0Dh and 7D-7Fh). Detailed descriptions of CMOS /
RTC operation and programming can be obtained
from the VIA VT82887 Data Book or numerous
other industry publications.
For reference, the
definition of the RTC register locations and bits are
summarized in the following table:
Offset Description
Binary Range BCD Range
00
Seconds
00-3Bh
00-59h
01
Seconds Alarm
00-3Bh
00-59h
02
Minutes
00-3Bh
00-59h
03
Minutes Alarm
00-3Bh
00-59h
04
Hours
am 12hr: 01-1Ch
01-12h
pm 12hr: 81-8Ch
81-92h
24hr: 00-17h
00-23h
05
Hours Alarm
am 12hr: 01-1Ch
01-12h
pm 12hr: 81-8Ch
81-92h
24hr: 00-17h
00-23h
06
Day of the Week Sun=1: 01-07h
01-07h
07
Day of the Month
01-1Fh
01-31h
08
Month
01-0Ch
01-12h
09
Year
00-63h
00-99h
0A
Register A
7UIP
Update In Progress
6-4
DV2-0 Divide (010=ena osc & keep time)
3-0
RS3-0
Rate Select for Periodic Interrupt
0B
Register B
7SET
Inhibit Update Transfers
6PIE
Periodic Interrupt Enable
5AIE
Alarm Interrupt Enable
4UIE
Update Ended Interrupt Enable
3SQWE No function (read/write bit)
2DM
Data Mode (0=BCD, 1=binary)
1
24/12
Hours Byte Format (0=12, 1=24)
0DSE
Daylight Savings Enable
0C
Register C
7IRQF
Interrupt Request Flag
6PF
Periodic Interrupt Flag
5AF
Alarm Interrupt Flag
4UF
Update Ended Flag
3-0
0
Unused (always read 0)
0D
Register D
7
VRT
Reads 1 if VBAT voltage is OK
6-0
0
Unused (always read 0)
0E-7C Software-Defined Storage Registers (111 Bytes)
Offset Extended Functions
Binary Range BCD Range
7D
Date Alarm
01-1Fh
01-31h
7E
Month Alarm
01-0Ch
01-12h
7F
Century Field
13-14h
19-20h
80-FF Software-Defined Storage Registers (128 Bytes)
(See also Function 0 Rx5B[3] and Rx77[2-1])
Table 5. CMOS Register Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com