Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596 Datasheet(PDF) 78 Page - List of Unclassifed Manufacturers

Part # VT82C596
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596 Datasheet(HTML) 78 Page - List of Unclassifed Manufacturers

Back Button VT82C596 Datasheet HTML 74Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 75Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 76Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 77Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 78Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 79Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 80Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 81Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 82Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-72-
Function 3 Registers - Power Management and SMBus
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Processor Power Management Registers
I/O Offset 13-10 - Processor & PCI Bus Control............RW
31-12 Reserved
........................................ always reads 0
11
PCI Stop (PCISTP# asserted) when PCKRUN# is
Deasserted (PCI_STP)
0
Enable.....................................................default
1
Disable
10
PCI Bus Clock Run Without Stop (PCI_RUN)
0
PCKRUN# will be de-activated after the PCI
bus is idle for 26 clocks..........................default
1
PCKRUN# is always asserted
9
Host Clock Stop Enable (HOST_STP)
0
STPCLK# will be asserted in the C3 state, but
the CPU clock is not stopped .................default
1
CPU clock is stopped in the C3 state
8
Assertion of SLP# for LVL3 Read
0
Disable ...................................................default
1Enable
Used in Slot-1 systems only.
7-5
Reserved
........................................ always reads 0
4
Throttling Enable (THT_EN).
Setting this bit starts clock throttling (modulating the
STPCLK# signal) regardless of the CPU state. The
throttling duty cycle is determined by bits 3-0 of this
register.
3-0
Throttling Duty Cycle (THT_DTY)
This 4-bit field determines the duty cycle of the
STPCLK# signal when the system is in throttling
mode (the "Throttling Enable" bit is set to one). The
duty cycle indicates the percentage of time the
STPCLK# signal is asserted while the Throttling
Enable bit is set. The field is decoded as follows:
0000 Reserved
0001 0-6.25%
0010 6.25-12.50%
0011 18.75-25.00%
0100 31.25-37.50%
0101 37.50-43.75%
0110 43.75-50.00%
0111 50.00-56.25%
1000 56.25-62.50%
1001 62.50-68.75%
1010 68.75-75.00%
1011 75.00-87.50%
1100 75.00-81.25%
1101 81.25-87.50%
1110 87.50-93.75%
1111 93.75-100%
I/O Offset 14 - Processor Level 2 (P_LVL2).................... RO
7-0
Level 2
........................................ always reads 0
Reads from this register put the processor into the
Stop Grant state (the VT82C596B asserts STPCLK#
to suspend the processor). Wake up from Stop Grant
state is by interrupt (INTR, SMI, and SCI).
Reads from this register return all zeros; writes to this register
have no effect.
I/O Offset 15 - Processor Level 3 (P_LVL3).................... RO
7-0
Level 3
........................................ always reads 0
Reads from this register put the processor in the C3
clock state with the STPCLK# signal asserted.
If
Rx10[9] = 1 then the CPU clock is also stopped by
asserting CPUSTP#. Wake up from the C3 state is by
interrupt (INTR, SMI, and SCI).
Reads from this register return all zeros; writes to this register
have no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com