Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596 Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # VT82C596
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596 Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button VT82C596 Datasheet HTML 49Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 50Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 51Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 52Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 53Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 54Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 55Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 56Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-47-
Function 1 Registers - Enhanced IDE Controller
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Function 1 Registers - Enhanced IDE Controller
This Enhanced IDE controller interface is fully compatible
with the SFF 8038i v.1.0 specification. There are two sets of
software accessible registers -- PCI configuration registers and
Bus Master IDE I/O registers. The PCI configuration registers
are located in the function 1 PCI configuration space of the
VT82C596B. The Bus Master IDE I/O registers are defined in
the SFF8038i v1.0 specification.
PCI Configuration Space Header
Offset 1-0 - Vendor ID (1106h=VIA) ................................RO
Offset 3-2 - Device ID (0571h=IDE Controller) ...............RO
Offset 5-4 - Command.......................................................RW
15-10 Reserved
........................................ always reads 0
9
Fast Back to Back Cycles ..........fixed at 0 (disabled)
8
SERR# Enable............................fixed at 0 (disabled)
7
Address Stepping ...................... default=1 (enabled)
VIA recommends that this bit always be set to 1 to
provide additional address decode time to IDE
devices.
6
Parity Error Response ...............fixed at 0 (disabled)
5
VGA Palette Snoop ....................fixed at 0 (disabled)
4
Memory Write & Invalidate .....fixed at 0 (disabled)
3
Special Cycles .............................fixed at 0 (disabled)
2Bus Master ............................. default = 0 (disabled)
S/G operation can be issued only when the “Bus
Master” bit is enabled.
1
Memory Space............................fixed at 0 (disabled)
0
I/O Space
............................. default = 0 (disabled)
When the “I/O Space” bit is disabled, the device will
not respond to any I/O addresses for both compatible
and native mode.
Offset 7-6 - Status ...........................................................RWC
15
Detected Parity Error ................................ default=0
14
Signalled System Error.............................. default=0
13
Received Master Abort.............................. default=0
12
Received Target Abort .............................. default=0
11
Signalled Target Abort ..............................Fixed at 0
10-9 DEVSEL# Timing ..................default = 01 (medium)
8
Data Parity Detected.................................. default=0
7
Fast Back to Back ......................................Fixed at 1
6-0
Reserved
........................................ always reads 0
Offset 8 - Revision ID .........................................................RO
0-7
Revision Code for IDE Controller Logic Block
Offset 9 - Programming Interface ................................... RW
7
Master IDE Capability........... fixed at 1 (Supported)
6-4
Reserved
........................................ always reads 0
3
Programmable Indicator - Secondary ...... fixed at 1
Supports both modes (may be set to either mode by
writing bit-2)
2
Channel Operating Mode - Secondary
0
Compatibility Mode (fixed addressing)
1
Native PCI Mode (flexible addressing) ....... def
1
Programmable Indicator - Primary.......... fixed at 1
Supports both modes (may be set to either mode by
writing bit-0)
0
Channel Operating Mode - Primary
0
Compatibility Mode (fixed addressing)
1
Native PCI Mode (flexible addressing) ....... def
Compatibility Mode (fixed IRQs and I/O addresses):
Command Block
Control Block
Channel
Registers
Registers
IRQ
Pri
1F0-1F7
3F6
14
Sec
170-177
376
15
Native PCI Mode (registers are programmable in I/O space)
Command Block
Control Block
Channel
Registers
Registers
Pri
BA @offset 10h
BA @offset 14h
Sec
BA @offset 18h
BA @offset 1Ch
Command register blocks are 8 bytes of I/O space
Control registers are 4 bytes of I/O space (only byte 2 is used)
Offset A - Sub Class Code (01h=IDE Controller) ........... RO
Offset B - Base Class Code (01h=Mass Storage Ctrlr) ... RO
Offset D - Latency Timer (00h) ....................................... RW
7-4
Latency Timer............................................. default=0
3-0
Reserved
........................................ always reads 0
Offset E - Header Type (00h)............................................ RO
Offset F - BIST (00h) ......................................................... RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com