Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # VT82C596
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button VT82C596 Datasheet HTML 31Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 32Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 33Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 34Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 35Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 36Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 37Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 38Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-29-
Register Descriptions - Legacy I/O Ports
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Register Descriptions
Legacy I/O Ports
This group of registers includes the DMA Controllers,
Interrupt Controllers, and Timer/Counters as well as a number
of miscellaneous ports originally implemented using discrete
logic on original PC/AT motherboards. All of the registers
listed are integrated on-chip. These registers are implemented
in a precise manner for backwards compatibility with previous
generations of PC hardware.
These registers are listed for
information purposes only.
Detailed descriptions of the
actions and programming of these registers are included in
numerous
industry
publications
(duplication
of
that
information here is beyond the scope of this document). All of
these registers reside in I/O space.
Port 61 - Misc Functions & Speaker Control .................RW
7
Reserved
........................................ always reads 0
6
IOCHCK# Active ................................................. RO
This bit is set when the ISA bus IOCHCK# signal is
asserted. Once set, this bit may be cleared by setting
bit-3 of this register.
Bit-3 should be cleared to
enable recording of the next IOCHCK#. IOCHCK#
generates NMI to the CPU if NMI is enabled.
5
Timer/Counter 2 Output ..................................... RO
This bit reflects the output of Timer/Counter 2
without any synchronization.
4
Refresh Detected .................................................. RO
This bit toggles on every rising edge of the ISA bus
REFRESH# signal.
3
IOCHCK# Disable .............................................. RW
0
Enable IOCHCK# assertions..................default
1
Force IOCHCK# inactive and clear any
“IOCHCK# Active” condition in bit-6
2
Reserved
........................................ RW, default=0
1
Speaker Enable.................................................... RW
0
Disable ...................................................default
1
Enable Timer/Ctr 2 output to drive SPKR pin
0
Timer/Counter 2 Enable..................................... RW
0
Disable ...................................................default
1
Enable Timer/Counter 2
Port 92h - System Control................................................ RW
7-6
Hard Disk Activity LED Status
0
Off
.................................................... default
1-3 On
5-4
Reserved
........................................ always reads 0
3
Power-On Password Bytes Inaccessable .. default=0
2
Reserved
........................................ always reads 0
1
A20 Address Line Enable
0
A20 disabled / forced 0 (real mode) ...... default
1
A20 address line enabled
0
High Speed Reset
0Normal
1
Briefly pulse system reset to switch from
protected mode to real mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com