Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # VT82C596
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button VT82C596 Datasheet HTML 39Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 40Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 41Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 42Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 43Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 44Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 45Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 46Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-37-
PCI Function 0 Registers - PCI-to-ISA Bridge
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Offset 43 - ROM Decode Control ....................................RW
Setting these bits enables the indicated address range to be
included in the ROMCS# decode:
7
FFFE0000h-FFFEFFFFh .......................... default=0
6
FFF80000h-FFFDFFFFh ......................... default=0
5
FFF00000h-FFF7FFFFh (new)................. default=0
4
000E0000h-000EFFFFh (new) .................. default=0
5
000E8000h-000EFFFFh (old).................... default=0
4
000E0000h-000E7FFFh (old) .................... default=0
3
000D8000h-000DFFFFh ........................... default=0
2
000D0000h-000D7FFFh ............................ default=0
1
000C8000h-000CFFFFh ........................... default=0
0
000C0000h-000C7FFFh............................. default=0
Offset 44 - Keyboard Controller Control........................RW
7
KBC Timeout Test (do not program) ....... default = 0
6-4
Reserved (do not program)........................ default = 0
3
Mouse Lock Enable
0
Disabled .................................................default
1Enabled
2-1
Reserved (do not program)........................ default = 0
0
Reserved (no function) .............................. default = 0
Offset 45 - Type F DMA Control .....................................RW
7
ISA Master / DMA to PCI Line Buffer.... default=0
6
DMA type F Timing on Channel 7 ........... default=0
5
DMA type F Timing on Channel 6 ........... default=0
4
DMA type F Timing on Channel 5 ........... default=0
3
DMA type F Timing on Channel 3 ........... default=0
2
DMA type F Timing on Channel 2 ........... default=0
1
DMA type F Timing on Channel 1 ........... default=0
0
DMA type F Timing on Channel 0 ........... default=0
Offset 46 - Miscellaneous Control 1 ................................ RW
7
PCI Master Write Wait States
0
0 Wait States.......................................... default
1
1 Wait State
6Gate INTRQ
0
Disable................................................... default
1Enable
5
Flush Line Buffer for Int or DMA IOR Cycle
0
Disable................................................... default
1Enable
4
Config Command Reg Rx04 Access (Test Only)
0
Normal: Bits 0-1=RO, Bit 3=RW ......... default
1
Test Mode: Bits 0-1=RW, Bit-3=RO
3
Reserved (do not program) ........................ default = 0
2
Reserved (no function) .............................. default = 0
1
PCI Burst Read Interruptability
0
Allow burst reads to be interrupted........ default
1
Don’t allow PCI burst reads to be interrupted
0
Post Memory Write Enable
0
Disable................................................... default
1Enable
The Post Memory Write function is automatically
enabled when Delay Transaction (see Rx47 bit-6
below) is enabled, independent of the state of this bit.
Offset 47 - Miscellaneous Control 2 ................................ RW
7
CPU Reset Source
0
Use CPURST as CPU Reset .................. default
1
Use INIT as CPU Reset
6
PCI Delay Transaction Enable
0
Disable................................................... default
1Enable
The "Post Memory Write" function is automatically
enabled when this bit is enabled, independent of the
state of Rx46 bit-0 above.
5
EISA 4D0/4D1 Port Enable
0
Disable (ignore ports 4D0-1) ................. default
1
Enable (ports 4D0-1 per EISA specification)
4
Interrupt Controller Shadow Register Enable
0
Disable................................................... default
1Enable
3
Reserved (always program to 0).............. default = 0
Note: Always mask this bit. This bit may read back
as either 0 or 1 but must always be
programmed with 0.
2
Write Delay Transaction Time-Out Timer Enable
0
Disable................................................... default
1Enable
1
Read Delay Transaction Time-Out Timer Enable
0
Disable................................................... default
1Enable
0
Software PCI Reset ...... write 1 to generate PCI reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com