Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596 Datasheet(PDF) 62 Page - List of Unclassifed Manufacturers

Part # VT82C596
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596 Datasheet(HTML) 62 Page - List of Unclassifed Manufacturers

Back Button VT82C596 Datasheet HTML 58Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 59Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 60Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 61Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 62Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 63Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 64Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 65Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 66Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-56-
Function 2 Registers - Universal Serial Bus Controller
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
USB-Specific Configuration Registers
Offset 40 - Miscellaneous Control 1.................................RW
7
PCI Memory Command Option
0
Support Memory-Read-Line, Memory-Read-
Multiple, and Memory-Write-and-Invalidate ....
.....................................................default
1
Only support Memory Read, Memory Write
Commands
6
Babble Option
0
Automatically disable babbled port when EOF
babble occurs..........................................default
1
Don’t disable babbled port
5
PCI Parity Check Option
0
Disable PERR# generation.....................default
1
Enable parity check and PERR# generation
4
Reserved
........................................ always reads 0
3
USB Data Length Option
0
Support TD length up to 1280................default
1
Support TD length up to 1023
2
USB Power Management
0
Disable USB power management...........default
1
Enable USB power management
1DMA Option
0
16 DW burst access ................................default
1
8 DW burst access
0PCI Wait States
0
Zero wait ................................................default
1One wait
Offset 41 - Miscellaneous Control 2 ................................ RW
7
USB 1.1 Improvement for EOP
0
USB Specification 1.1 Compliant.......... default
If a bit stuffing error occurs before EOP, the
receiver will accept the packet
1
USB Specification 1.0 Compliant
If a bit stuffing error occurs before EOP, the
receiver will ignore the packet
6
Patch Read / Resume Issue
0
Enable (Fix the Bug) (Normal Setting).. default
1
Disable (when one USB port is in reset or
resume status, the controller may not see the
device attached at the other USB port)
5
Patch 1 Bit-Time EOP
The USB spec says that the device must assert an
EOP in at least two bit times.
0
Enable (accept 1 bit-time EOP) ............. default
1
Disable (require 2 bit-time EOP)
4
Hold PCI Request for Successive Accesses
0
Disable
1
Enable .................................................... default
Setting this bit to “enable” causes the system to treat
the USB request as higher priority
3
Frame Counter Test Mode
0
Disable................................................... default
1Enable
2Trap Option
0
Set trap 60/64 status bits only when trap 60/64
enable bits are set................................... default
1
Set trap 60/64 status bits without checking
enable bits
1
A20gate Pass Through Option
0
Pass through A20GATE command sequence
defined in UHCI .................................... default
1
Don’t pass through Write I/O port 64 (ff)
0
Reserved
........................................ always reads 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com