Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # VT82C596
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button VT82C596 Datasheet HTML 37Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 38Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 39Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 40Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 41Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 42Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 43Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 44Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-35-
PCI Function 0 Registers - PCI-to-ISA Bridge
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Function 0 Registers - PCI to ISA Bridge
All registers are located in the function 0 PCI configuration
space of the VT82C596B. These registers are accessed
through PCI configuration mechanism #1 via I/O address
CF8/CFC.
PCI Configuration Space Header
Offset 1-0 - Vendor ID = 1106h .........................................RO
Offset 3-2 - Device ID = 0596h ..........................................RO
Offset 5-4 - Command.......................................................RW
15-8 Reserved
........................................ always reads 0
7
Address / Data Stepping
0
Disable
1
Enable ....................................................default
6-4
Reserved
........................................ always reads 0
3
Special Cycle Enable ..... Normally RW†, default = 0
2Bus Master ........................................ always reads 1
1
Memory Space.................. Normally RO†, reads as 1
0
I/O Space
...................... Normally RO†, reads as 1
† If the test bit at offset 46 bit-4 is set, access to the above
indicated bits is reversed:
bit-3 above becomes read only
(reading back 1) and bits 0-1 above become read / write (with
a default of 1).
Offset 7-6 - Status ...........................................................RWC
15
Detected Parity Error .................... write one to clear
14
Signalled System Error...................... always reads 0
13
Signalled Master Abort ................. write one to clear
12
Received Target Abort .................. write one to clear
11
Signalled Target Abort .................. write one to clear
10-9 DEVSEL# Timing .................... fixed at 01 (medium)
8
Data Parity Detected.......................... always reads 0
7
Fast Back-to-Back Capable............... always reads 0
6-0
Reserved
........................................ always reads 0
Offset 8 - Revision ID = nn................................................ RO
7-0
Revision ID (00h is first silicon)
Offset 9 - Program Interface = 00h .................................. RO
Offset A - Sub Class Code = 01h....................................... RO
Offset B - Class Code = 06h .............................................. RO
Offset E - Header Type = 80h ........................................... RO
7-0
Header Type Code......... 80h (Multifunction Device)
Offset F - BIST = 00h ........................................................ RO
Offset 2F-2C - Subsystem ID ............................................ RO
Use offset 70-73 to change the value returned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com