Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596 Datasheet(PDF) 84 Page - List of Unclassifed Manufacturers

Part # VT82C596
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596 Datasheet(HTML) 84 Page - List of Unclassifed Manufacturers

Back Button VT82C596 Datasheet HTML 80Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 81Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 82Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 83Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 84Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 85Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 86Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 87Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 88Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-78-
Functional Descriptions
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
FUNCTIONAL DESCRIPTIONS
Power Management
P
ower Management Subsystem Overview
The power management function of the VT82C596B is
indicated in the following block diagram:
7+50
3RZHU
3ODQH DQG
6\VWHP
&RQWURO
*3
*OREDO
6WDQGE\
7LPHU
3:5%71
5,
60, $UELWHU
6OHHS:DNH
6WDWH
0DFKLQH
60,
6&,
 /HJDF\ 2QO\ (YHQW /RJLF
 $&3,  /HJDF\ (YHQW /RJLF
 $&3, 2QO\ (YHQW /RJLF
 60, (YHQWV
 6&,60, (YHQWV
0.

&38
673&/.
DQG &ON*HQ
&RQWURO
*3
'HYLFH
,GOH
7LPHU
8VHU
,QWHUIDFH
+DUGZDUH
(YHQWV
57&
6&,B(1
 $&3,  /HJDF\ *HQHULF &RQWURO )HDWXUHV
 $&3,  /HJDF\ )L[HG &RQWURO )HDWXUHV
 :DNHXS (YHQWV
30 7LPHU
6&, $UELWHU
%XV
0DVWHU
6/3%71
3ULPDU\
(YHQWV
86% UHVXPH
/,'
*3,2
Figure 6. Power Management Subsystem Block Diagram
Refer to ACPI Specification v1.0 and APM specification v1.2
for additional information.
Processor Bus States
The VT82C596B supports the complete set of C0 to C3
processor states as specified in the Advanced Configuration
and Power Interface (ACPI) specification (and defined in
ACPI I/O space Registers 10-15):
C0:
Normal Operation
C1:
CPU Halt (controlled by software).
C2:
Stop Clock. Entered when the P_LVL2 register is
read. The STPCLK# signal is asserted to put the
processor in the Stop Grant State. If the SRAM_ZZ
bit is set to 1, then the ZZ pin is also asserted (after
the acknowledgement of the stop grant bus cycle) for
powering down the cache SRAM.
The CPUSTP#
signal is not asserted so that host clocks remain
running. To exit this state, the chip negates the ZZ
signal and then negates STPCLK#.
C3:
Suspend. Entered when the P_LVL3 register is read.
In addition to STPCLK# and ZZ assertion as in the
C2 state, the SUSST1# (suspend status 1) signal is
asserted to tell the north bridge to switch to “Suspend
DRAM Refresh” mode based on the 32KHz suspend
clock (SUSCLK) provided by the VT82C596B. If
the HOST_STP bit is enabled, then CPUSTP# is also
asserted to stop clock generation and put the CPU
into Stop Clock State.
To exit this state, the chip
negates CPUSTP# and allows time for the processor
PLL to lock. Then the SUSST1#, ZZ, and STPCLK#
signals are negated to resume to normal operation.
During normal operation, two mechanisms are provided to
modulate CPU execution and control power consumption by
throttling the duty cycle of STPCLK#:
a.
Setting the THT_EN bit to 1, the duty cycle
defined in THT_DTY (IO space Rx10) is used.
b.
THRM# pin assertion enables automatic clock
throttling with duty cycle pre-configured in
THM_DTY (PCI configuration Rx4C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com