Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # VT82C596
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button VT82C596 Datasheet HTML 42Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 43Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 44Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 45Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 46Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 47Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 48Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 49Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-40-
PCI Function 0 Registers - PCI-to-ISA Bridge
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Offset 5A – KBC / RTC Control ......................................RW
Bits 7-4 of this register are latched from pins SD7-4 at power-
up but are read/write accessible so may be changed after
power-up to change the default strap setting:
7
Keyboard RP16 ............................. latched from SD7
6
Keyboard RP15 ............................ latched from SD6
5
Keyboard RP14 ............................ latched from SD5
4
Keyboard RP13 ............................ latched from SD4
3
Reserved
....................................... always reads 0
2
Internal RTC Enable
0
Disable
1
Enable ....................................................default
1
Internal PS2 Mouse Enable
0
Disable ..................................................default
1Enable
0
Internal KBC Enable
0
Disable ..................................................default
1Enable
Note:
External strap option values may be set by connecting
the indicated external pin to a 4.7K ohm pullup (for
1) or driving it low during reset with a 7407 TTL
open collector buffer (for 0) as shown in the
suggested circuit below:
9&&
.
6'Q
5(6(7

9&&
Figure 5. Strap Option Circuit
Offset 5B - Internal RTC Test Mode .............................. RW
7-4
Reserved
........................................ always reads 0
3
RTC Map Rx32 to Rx7F Century Byte
0
Disable................................................... default
1Enable
2
RTC Reset Enable (do not program) .......... default=0
1
RTC SRAM Access Enable
0
Disable................................................... default
1Enable
This bit is set if the internal RTC is disabled but it is
desired to still be able to access the internal RTC
SRAM via ports 74-75.
If the internal RTC is
enabled, setting this bit does nothing (the internal
RTC SRAM should be accessed at either ports 70/71
or 72/73.
0
RTC Test Mode Enable (do not program) . default=0
Offset 5C - DMA Control................................................. RW
7
Gate Port 61 Command Output
0
Disable................................................... default
1Enable
6
Passive Release
0
Disable................................................... default
1Enable
5
Internal Passive Release
0
Disable................................................... default
1Enable
4
Dummy Request
0
Disable................................................... default
1Enable
3
Extended DMA Command and TC
0
Disable................................................... default
1Enable
2
External APIC Configuration
0
External APIC on XD Bus..................... default
1
External APIC on SD Bus (disable XOE# for
APIC cycles)
1
Reserved
........................................ always reads 0
0
DMA Line Buffer Disable
0
DMA cycles can be to/from line buffer ....... def
1
Disable DMA Line Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com