Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # VT82C596
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button VT82C596 Datasheet HTML 26Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 27Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 28Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 29Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 30Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 31Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 32Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 33Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-24-
Register Overview
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
PCI Function 1 Registers – IDE Controller
Configuration Space IDE Header Registers
Offset PCI Configuration Space Header
Default
Acc
1-0
Vendor ID
1106
RO
3-2
Device ID
0571
RO
5-4
Command
0080
RO
7-6
Status
0280
RW
8
Revision ID
nn
RO
9
Programming Interface
85
RW
A
Sub Class Code
01
RO
B
Base Class Code
01
RO
C
-reserved- (cache line size)
00
—
D
Latency Timer
00
RW
E
Header Type
00
RO
F
Built In Self Test (BIST)
00
RO
13-10 Base Address – Pri Data / Command
000001F0 RO
17-14 Base Address – Pri Control / Status
000003F4 RO
1B-18 Base Address – Sec Data / Command
00000170 RO
1F-1C Base Address – Sec Control / Status
00000374 RO
23-20 Base Address – Bus Master Control
0000CC01 RW
24-2F -reserved- (unassigned)
00
—
30-33 -reserved- (expan ROM base addr)
00
—
34-3B -reserved- (unassigned)
00
—
3C
Interrupt Line
0E
RW
3D
Interrupt Pin
00
RO
3E
Minimum Grant
00
RO
3F
Maximum Latency
00
RO
Configuration Space IDE-Specific Registers
Offset Configuration Space IDE Registers
Default
Acc
40
Chip Enable
08
RW
41
IDE Configuration
02
RW
42
-reserved- (do not program)
09
RW
43
FIFO Configuration
3A
RW
44
Miscellaneous Control 1
68
RW
45
Miscellaneous Control 2
00
RW
46
Miscellaneous Control 3
C0
RW
4B-48 Drive Timing Control
A8A8A8A8 RW
4C
Address Setup Time
FF
RW
4D
-reserved- (do not program)
00
RW
4E
Sec Non-1F0 Port Access Timing
FF
RW
4F
Pri Non-1F0 Port Access Timing
FF
RW
53-50 UltraDMA33 Extd Timing Control
03030303 RW
54
UltraDMA FIFO Control
06
RW
55-5F -reserved-
00
—
61-60 IDE Primary Sector Size
0200
RW
62-67 -reserved-
00
—
69-68 IDE Secondary Sector Size
0200
RW
69-6F -reserved-
00
—
70
IDE Primary Status
00
RW
71
IDE Primary Interrupt Control
00
RW
72-73 -reserved-
00
—
74
IDE Primary Command 1
00
RW
75
IDE Primary Command 2
00
RW
76-77 -reserved-
00
—
78
IDE Secondary Status
00
RW
79
IDE Secondary Interrupt Control
00
RW
7A-7B -reserved-
00
—
7C
IDE Secondary Command 1
00
RW
7D
IDE Secondary Command 2
00
RW
7E-7F -reserved-
00
—
83-80 IDE Primary S/G Descriptor Address
0000 0000 RW
84-87 -reserved-
00
—
8B-88 IDE Secondary S/G Descriptor Addr
0000 0000 RW
8C-FF -reserved-
00
—
I/O Registers – IDE Controller (SFF 8038 v1.0 Compliant
Offset IDE I/O Registers
Default
Acc
0
Primary Channel Command
00
RW
1
-reserved-
00
—
2
Primary Channel Status
00
WC
3
-reserved-
00
—
4-7
Primary Channel PRD Table Addr
00
RW
8
Secondary Channel Command
00
RW
9
-reserved-
00
—
A
Secondary Channel Status
00
WC
B
-reserved-
00
—
C-F
Secondary Channel PRD Table Addr
00
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com