Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # VT82C596
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button VT82C596 Datasheet HTML 19Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 20Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 21Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 22Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 23Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 24Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 25Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 26Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-17-
Pinouts
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
General Purpose Outputs
Signal Name
Pin #
I/O
Signal Description
GPO0
G4
O
General Purpose Output 0.
GPO1 / LA17
Y15
IO
General Purpose Output 1. Rx74[0] = 0.
GPO2 / LA18
T14
IO
General Purpose Output 2. Rx74[0] = 0.
GPO3 / LA19
W14
IO
General Purpose Output 3. Rx74[0] = 0.
GPO4 / LA20
U13
IO
General Purpose Output 4. Rx74[0] = 0.
GPO5 / LA21
V13
IO
General Purpose Output 5. Rx74[0] = 0.
GPO6 / LA22
Y13
IO
General Purpose Output 6. Rx74[0] = 0.
GPO7 / LA23
T12
IO
General Purpose Output 7. Rx74[0] = 0.
GPO8
T19
O
General Purpose Output 8. F3Rx54[1-0]. Optional 1Hz / 2Hz / 4Hz clock output
GPO9 / GNTA#
N1
O
General Purpose Output 9. Rx7D[0] = 0.
GPO10 / GNTB#
P2
O
General Purpose Output 10. Rx7D[1] = 0.
GPO11 / GNTC#
P4
O
General Purpose Output 11. Rx7D[2] = 0.
GPO12 / APICACK#
J17
O
General Purpose Output 12. Rx74[7] = 0.
GPO13 / APICCS#
H18
O
General Purpose Output 13. Rx74[7] = 0.
GPO14 / IRQ0OUT
H20
O
General Purpose Output 14. Rx74[7] = 0.
GPO15 / SUSB#
V19
O
General Purpose Output 15. Rx75[0] = 1. See also F3Rx54[3].
GPO16 / SUSC#
U18
O
General Purpose Output 16. Rx75[0] = 1. See also F3Rx54[2].
GPO17 / CPUSTP#
R1
O
General Purpose Output 17. Rx75[1] = 1.
GPO18 / PCISTP#
R2
O
General Purpose Output 18. Rx75[2] = 1.
GPO19 / ZZ
K16
O
General Purpose Output 19. Rx75[3] = 1.
GPO20 / SUSST1#
T17
O
General Purpose Output 20. Rx75[4] = 1. See also F3Rx54[4].
GPO21 / SUSST2#
T18
O
General Purpose Output 21. Rx75[5] = 1. See also F3Rx54[7].
GPO22 / XDIR#
M3
O
General Purpose Output 22. Rx75[6] = 1.
GPO23 / XOE#
M4
O
General Purpose Output 23. Rx75[6] = 1.
GPO24 / RTCCS#
M2
O
General Purpose Output 24. Rx76[0] = 1.
GPO25 / RTCAS
L1
O
General Purpose Output 25. Rx76[1] = 1.
GPO26 / KBCS#
K1
O
General Purpose Output 26. Rx76[2] = 1.
GPO27
G5
O
General Purpose Output 27.
GPO28
F2
O
General Purpose Output 28.
GPO29 / SCIOUT#
F3
O
General Purpose Output 29. Rx74[7] = 0.
GPO30
F4
O
General Purpose Output 30.
The underlined name above indicates the default function on power up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com