Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # VT82C596
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button VT82C596 Datasheet HTML 28Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 29Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 30Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 31Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 32Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 33Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 34Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 35Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-26-
Register Overview
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
PCI Function 3 Registers – Power Management
Configuration Space Power Management Header Registers
Offset PCI Configuration Space Header
Default
Acc
1-0
Vendor ID
1106
RO
3-2
Device ID
3050
RO
5-4
Command
0000
RO
7-6
Status
0280
WC
8
Revision ID
nn
RO
9Programming Interface
00
†
RO
A
Sub Class Code
00
†
RO
B
Base Class Code
00
†
RO
C
Cache Line Size
00
RO
D
Latency Timer
00
RO
E
Header Type00
RO
FBIST
00
RO
10-3F -reserved-
00
—
† Default values may be changed by writing to offsets 61-63h.
Configuration Space Power Management-Specific Registers
Offset Power Management
Default
Acc
40
Debounce Control
00
RW
41
General Configuration
00
RW
42
SCI Interrupt Configuration
00
RW
43
-reserved-
00
—
45-44 Primary Interrupt Channel
0000
RW
47-46 Secondary Interrupt Channel
0000
RW
4B-48 Power Mgmt I/O Base (256 Bytes)
0000 0001 RW
4C
Host Bus Power Management Control
00
RW
4D
Clock Stop Control
00
RW
4E-4F -reserved-
00
—
53-50 GP0/1 Timer Control
0000 0000 RW
54
GPIO Select
00
RW
55
Wakeup Control
00
RW
56-57 -reserved-
00
—
5B-58 GP2/3 Timer Control
0000 0000 RW
5C-60 -reserved-
00
—
61
Write value for Offset 9 (Prog Intfc)
00
WO
62
Write value for Offset A (Sub Class)
00
WO
63
Write value for Offset B (Base Class)
00
WO
64-8F -reserved-
00
—
Offset System Management Bus
Default
Acc
93-90 SMBus I/O Base
0000 0001 RW
94-D1 -reserved-
00
—
D2
SMBus Control
00
RW
D3
SMBus Host Slave Command
00
RW
D4
SMBus Slave Address for Port 1
00
RW
D5
SMBus Slave Address for Port 2
00
RW
D6
SMBus Revision ID
nn
RO
D7-FF -reserved-
00
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com