Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI5341 Datasheet(PDF) 48 Page - Silicon Laboratories

Part # SI5341
Description  Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5341 Datasheet(HTML) 48 Page - Silicon Laboratories

Back Button SI5341_16 Datasheet HTML 44Page - Silicon Laboratories SI5341_16 Datasheet HTML 45Page - Silicon Laboratories SI5341_16 Datasheet HTML 46Page - Silicon Laboratories SI5341_16 Datasheet HTML 47Page - Silicon Laboratories SI5341_16 Datasheet HTML 48Page - Silicon Laboratories SI5341_16 Datasheet HTML 49Page - Silicon Laboratories SI5341_16 Datasheet HTML 50Page - Silicon Laboratories SI5341_16 Datasheet HTML 51Page - Silicon Laboratories SI5341_16 Datasheet HTML 52Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 53 page
background image
12. Top Marking
TW
YYWWTTTTTT
Rxxxxx- GM
Si 5341g-
e 4
TW
YYWWTTTTTT
Rxxxxx- GM
Si 5340g-
e 4
64-QFN
44-QFN
Figure 12.1. Si5341-40 Top Markings
Table 12.1. Si5341-40 Top Marking Explanation
Line
Characters
Description
1
Si5341g-
Si5340g-
Base part number and Device Grade for Low Jitter, Any-Frequency, 10-output Clock
Generator.
Si5341: 10-output, 64-QFN
Si5340: 4-output, 44-QFN
g = Device Grade (A, B, C, D). See " " on page 26 for more information.
– = Dash character.
2
Rxxxxx-GM
R = Product revision. (See ordering guide for current revision).
xxxxx = Customer specific NVM sequence number. Optional NVM code assigned for
custom, factory pre-programmed devices.
Characters are not included for standard, factory default configured devices. See Or-
dering Guide for more information.
–GM = Package (QFN) and temperature range (–40 to +85 °C)
3
YYWWTTTTTT
YYWW = Characters correspond to the year (YY) and work week (WW) of package
assembly.
TTTTTT = Manufacturing trace code.
4
Circle w/ 1.6 mm (64-QFN) or
1.4 mm (44-QFN) diameter
Pin 1 indicator; left-justified
e4
TW
Pb-free symbol; Center-Justified
TW = Taiwan; Country of Origin (ISO Abbreviation)
Si5341/40 Rev D Data Sheet
Top Marking
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com