Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI5341 Datasheet(PDF) 19 Page - Silicon Laboratories

Part # SI5341
Description  Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5341 Datasheet(HTML) 19 Page - Silicon Laboratories

Back Button SI5341_16 Datasheet HTML 15Page - Silicon Laboratories SI5341_16 Datasheet HTML 16Page - Silicon Laboratories SI5341_16 Datasheet HTML 17Page - Silicon Laboratories SI5341_16 Datasheet HTML 18Page - Silicon Laboratories SI5341_16 Datasheet HTML 19Page - Silicon Laboratories SI5341_16 Datasheet HTML 20Page - Silicon Laboratories SI5341_16 Datasheet HTML 21Page - Silicon Laboratories SI5341_16 Datasheet HTML 22Page - Silicon Laboratories SI5341_16 Datasheet HTML 23Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
5. Electrical Specifications
Table 5.1. Recommended Operating Conditions1
(VDD=1.8 V ± 5%, VDDA=3.3 V ± 5%, TA= –40 to 85°C)
Parameter
Symbol
Min
Typ
Max
Units
Ambient Temperature
TA
–40
25
85
°C
Junction Temperature
TJMAX
—
—
125
°C
Core Supply Voltage
VDD
1.71
1.80
1.89
V
VDDA
3.14
3.30
3.47
V
Output Driver Supply Voltage
VDDO
3.14
3.30
3.47
V
2.37
2.50
2.62
V
1.71
1.80
1.89
V
Note:
1. All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions. Typical val-
ues apply at nominal supply voltages and an operating temperature of 25 °C unless otherwise noted.
Si5341/40 Rev D Data Sheet
Electrical Specifications
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com