Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI5341 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # SI5341
Description  Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5341 Datasheet(HTML) 3 Page - Silicon Laboratories

  SI5341_16 Datasheet HTML 1Page - Silicon Laboratories SI5341_16 Datasheet HTML 2Page - Silicon Laboratories SI5341_16 Datasheet HTML 3Page - Silicon Laboratories SI5341_16 Datasheet HTML 4Page - Silicon Laboratories SI5341_16 Datasheet HTML 5Page - Silicon Laboratories SI5341_16 Datasheet HTML 6Page - Silicon Laboratories SI5341_16 Datasheet HTML 7Page - Silicon Laboratories SI5341_16 Datasheet HTML 8Page - Silicon Laboratories SI5341_16 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
2. Ordering Guide
Table 2.1. Si5341/40 Ordering Guide
Ordering Part Number
(OPN)
Number of In-
put/Output
Clocks
Output Clock Frequency
Range (MHz)
Frequency Syn-
thesis Mode
Package
Temperature
Range
Si5341
Si5341A-D-GM1, 2
4/10
0.0001 to 1028 MHz
Integer and
Fractional
64-QFN
9x9 mm
–40 to 85 °C
Si5341B-D-GM1, 2
0.0001 to 350 MHz
Si5341C-D-GM1, 2
0.0001 to 1028 MHz
Integer Only
Si5341D-D-GM1, 2
0.0001 to 350 MHz
Si5340
Si5340A-D-GM1, 2
4/4
0.0001 to 1028 MHz
Integer and
Fractional
44-QFN
7x7 mm
–40 to 85 °C
Si5340B-D-GM1, 2
0.0001 to 350 MHz
Si5340C-D-GM1, 2
0.0001 to 1028 MHz
Integer Only
Si5340D-D-GM1, 2
0.0001 to 350 MHz
Si5341/40-D-EVB
Si5341-D-EVB
Evaluation
Board
Si5340-D-EVB
Note:
1. Add an R at the end of the OPN to denote tape and reel ordering options.
2. Custom, factory pre-programmed devices are available. Ordering part numbers are assigned by Silicon Labs and the ClockBuild-
er Pro software utility. Custom part number format is: e.g., Si5341A-Dxxxxx-GM, where "xxxxx" is a unique numerical sequence
representing the preprogrammed configuration.
3. See 3.9 Custom Factory Preprogrammed Devicesand 3.10 Enabling Features and/or Configuration Settings Not Available in
ClockBuilder Pro for Factory Pre-Programmed Devices for important notes about specifying a preprogrammed device to use fea-
tures or device register settings not yet available in CBPro.
Si5341/40 Rev D Data Sheet
Ordering Guide
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com