Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI5341 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SI5341
Description  Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5341 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI5341_16 Datasheet HTML 5Page - Silicon Laboratories SI5341_16 Datasheet HTML 6Page - Silicon Laboratories SI5341_16 Datasheet HTML 7Page - Silicon Laboratories SI5341_16 Datasheet HTML 8Page - Silicon Laboratories SI5341_16 Datasheet HTML 9Page - Silicon Laboratories SI5341_16 Datasheet HTML 10Page - Silicon Laboratories SI5341_16 Datasheet HTML 11Page - Silicon Laboratories SI5341_16 Datasheet HTML 12Page - Silicon Laboratories SI5341_16 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
3.5 Outputs
The Si5341 supports 10 differential output drivers which can be independently configured as differential or LVCMOS. The Si5340 sup-
ports 4 output drivers independently configurable as differential or LVCMOS.
3.5.1 Output Signal Format
The differential output amplitude and common mode voltage are both fully programmable and compatible with a wide variety of signal
formats including LVDS and LVPECL. In addition to supporting differential signals, any of the outputs can be configured as LVCMOS
(3.3 V, 2.5 V, or 1.8 V) drivers providing up to 20 single-ended outputs, or any combination of differential and single-ended outputs.
3.5.2 Differential Output Terminations
The differential output drivers support both ac-coupled and dc-coupled terminations as shown in the figure below.
100
50
50
Internally
self-biased
AC Coupled LVDS/LVPECL
50
50
AC Coupled LVPECL/CML
VDD– 1.3V
50
50
50
50
100
DC Coupled LVDS
OUTx
OUTxb
OUTx
OUTxb
OUTx
OUTxb
VDDO = 3.3V , 2.5V , 1.8V
VDDO = 3.3V , 2.5V
VDDO = 3.3V , 2.5V , 1.8V
Si5341/40
Si5341/40
Si5341/40
AC Coupled HCSL
R1
OUTx
OUTxb
VDDO = 3.3V,2.5V,1.8V
Si5341/40
50
50
R1
R2
R2
VDDRX
Standard
HCSL
Receiver
VDDRX
Option1
For VCM = 0. 37V
3. 3 V
2. 5 V
1. 8 V
442 ohms
332 ohms
243 ohms
56.2 ohms
59 ohms
63.4 ohms
R1
R2
Figure 3.5. Supported Differential Output Terminations
3.5.3 Programmable Common Mode Voltage for Differential Outputs
The common mode voltage (VCM) for the differential modes are programmable so that LVDS specifications can be met and for the best
signal integrity with different supply voltages. When dc coupling the output driver it is essential that the receiver should have a relatively
high common mode impedance so that the common mode current from the output driver is very small.
Si5341/40 Rev D Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com