Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI5341 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI5341
Description  Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5341 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI5341_16 Datasheet HTML 7Page - Silicon Laboratories SI5341_16 Datasheet HTML 8Page - Silicon Laboratories SI5341_16 Datasheet HTML 9Page - Silicon Laboratories SI5341_16 Datasheet HTML 10Page - Silicon Laboratories SI5341_16 Datasheet HTML 11Page - Silicon Laboratories SI5341_16 Datasheet HTML 12Page - Silicon Laboratories SI5341_16 Datasheet HTML 13Page - Silicon Laboratories SI5341_16 Datasheet HTML 14Page - Silicon Laboratories SI5341_16 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
3.5.10 Synchronous/Asynchronous Output Disable Feature
Outputs can be configured to disable synchronously or asynchronously. The default state is synchronous output disable. In synchro-
nous disable mode the output will wait until a clock period has completed before the driver is disabled. This prevents unwanted runt
pulses from occurring when disabling an output. In asynchronous disable mode the output clock will disable immediately without waiting
for the period to complete.
3.5.11 Output Delay Control (t0-t4)
The Si5341/40 uses independent MultiSynth dividers (N0 - N4) to generate up to 5 unique frequencies to its 10 outputs through a cross-
point switch. By default all clocks are phase aligned. A delay path (t0 - t4) associated with each of these dividers is available for applica-
tions that need a specific output skew configuration. Each delay path is controlled by a register parameter call Nx_DELAY with a resolu-
tion of ~0.28 ps over a range of ~±9.14 ns. This is useful for PCB trace length mismatch compensation. After the delay controls are
configured, the soft reset bit SOFT_RST must be set high so that the output delay takes effect and the outputs are re-aligned.
÷N0
t0
÷N1
t1
÷N2
t2
÷N3
t3
÷N4
t4
OUT2b
VDDO2
OUT2
VDDO3
÷R2
OUT3b
OUT3
÷R3
OUT1b
VDDO1
OUT1
÷R1
OUT5b
VDDO5
OUT5
VDDO6
÷R5
OUT6b
OUT6
÷R6
OUT4b
VDDO4
OUT4
÷R4
OUT7b
VDDO7
OUT7
VDDO8
÷R7
OUT8b
OUT8
÷R8
OUT0b
VDDO0
OUT0
÷R0
VDDO9
OUT9b
OUT9
÷R9
Figure 3.7. Example of Independently Configurable Path Delays
All delay values are restored to their NVM programmed values after power-up or after a hard reset. Delay default values can be written
to the NVM allowing a custom delay offset configuration at power-up or after a hardware reset.
Si5341/40 Rev D Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com