Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI5341 Datasheet(PDF) 42 Page - Silicon Laboratories

Part # SI5341
Description  Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5341 Datasheet(HTML) 42 Page - Silicon Laboratories

Back Button SI5341_16 Datasheet HTML 38Page - Silicon Laboratories SI5341_16 Datasheet HTML 39Page - Silicon Laboratories SI5341_16 Datasheet HTML 40Page - Silicon Laboratories SI5341_16 Datasheet HTML 41Page - Silicon Laboratories SI5341_16 Datasheet HTML 42Page - Silicon Laboratories SI5341_16 Datasheet HTML 43Page - Silicon Laboratories SI5341_16 Datasheet HTML 44Page - Silicon Laboratories SI5341_16 Datasheet HTML 45Page - Silicon Laboratories SI5341_16 Datasheet HTML 46Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 53 page
background image
Pin Name
Pin Number
Pin Type1
Function
Si5341
Si5340
A0/CSb
19
16
I
Address Select 0/Chip Select.2 This pin functions as the hard-
ware controlled address A0 in I2C mode. In SPI mode, this pin
functions as the chip select input (active low). This pin is internally
pulled up by a ~20 kΩ resistor to the voltage selected by the
IO_VDD_SEL register bit.
Control/Status
INTRb
12
33
O
Interrupt. 2 This pin is asserted low when a change in device sta-
tus has occurred. This interrupt has a push pull output and should
be left unconnected when not in use.
RSTb
6
17
I
Device Reset. 2 Active low input that performs power-on reset
(POR) of the device. Resets all internal logic to a known state and
forces the device registers to their default values. Clock outputs
are disabled during reset. This pin is internally pulled up with a
~20 kΩ resistor to the voltage selected by the IO_VDD_SEL bit.
OEb
11
12
I
Output Enable.2 This pin disables all outputs when held high.
This pin is internally pulled low and can be left unconnected when
not in use.
LOLb
47
—
O
Loss Of Lock.2 This output pin indicates when the DSPLL™ is
locked (high) or out-of-lock (low). An external pull up or pull down
is not needed.
—
27
O
Loss Of Lock.3 This output pin indicates when the DSPLL is
locked (high) or out-of-lock (low). An external pull up or pull down
is not needed.
LOS_XAXBb
—
28
O
Loss Of Signal.3 This output pin indicates a loss of signal at the
XA/XB pins.
SYNCb
5
—
I
Output Clock Synchronization.2 An active low signal on this pin
resets the output dividers for the purpose of re-aligning the output
clocks. For a tighter alignment of the clocks, a soft reset should be
applied. This pin is internally pulled up with a ~20 kΩ resistor to
the voltage selected by the IO_VDD_SEL bit and can be left un-
connected when not in use.
FDEC
25
—
I
Frequency Decrement Pin.2 This pin is used to step-down the
output frequency of a selected output. The affected output driver
and its frequency change step size is register configurable. This
pin is internally pulled low with a ~20 kΩ resistor and can be left
unconnected when not in use.
FINC
48
—
I
Frequency Increment Pin.2 This pin is used to step-up the out-
put frequency of a selected output. The affected output and its fre-
quency change step size is register configurable. This pin is inter-
nally pulled low with a ~20 kΩ resistor and can be left unconnec-
ted when not in use.
IN_SEL0
3
3
I
Input Reference Select.2 The IN_SEL[1:0] pins are used in the
manual pin controlled mode to select the active clock input. These
pins are internally pulled up with a ~20 kΩ resistor to the voltage
selected by the IO_VDD_SEL bit and can be left unconnected
when not in use.
IN_SEL1
4
37
I
RSVD
20
—
—
Reserved. These pins are connected to the die. Leave discon-
nected.
21
—
—
55
—
—
56
—
—
Si5341/40 Rev D Data Sheet
Pin Descriptions
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com