Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI5341 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # SI5341
Description  Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5341 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button SI5341_16 Datasheet HTML 3Page - Silicon Laboratories SI5341_16 Datasheet HTML 4Page - Silicon Laboratories SI5341_16 Datasheet HTML 5Page - Silicon Laboratories SI5341_16 Datasheet HTML 6Page - Silicon Laboratories SI5341_16 Datasheet HTML 7Page - Silicon Laboratories SI5341_16 Datasheet HTML 8Page - Silicon Laboratories SI5341_16 Datasheet HTML 9Page - Silicon Laboratories SI5341_16 Datasheet HTML 10Page - Silicon Laboratories SI5341_16 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
3.3.2 Input Clocks (IN0, IN1, IN2)
A differential or single-ended clock can be applied at IN2, IN1, or IN0. The recommended input termination schemes are shown in the
figure below.
Pulsed CMOS DC Coupled Single Ended
Standard AC Coupled Single Ended
100
3.3V, 2.5V, 1.8V
LVCMOS
Standard AC Coupled Differential LVPECL
INx
INxb
50
100
Standard AC Coupled Differential LVDS
INx
INxb
3.3V, 2.5V
LVPECL
3.3V, 2.5V
LVDS or
CML
INx
INxb
INx
INxb
50
50
50
50
Pulsed CMOS
Standard
Si5341/40
Si5341/40
Si5341/40
Si5341/40
3.3V, 2.5V, 1.8V
LVCMOS
50
R
2
R1
Pulsed CMOS
Standard
Pulsed CMOS
Standard
Pulsed CMOS
Standard
VDD
R1 (Ohm) R2 (Ohm)
1.8 V
2.5 V
3.3 V
324
511
634
665
475
365
Figure 3.3. Termination of Differential and LVCMOS Input Signals
Si5341/40 Rev D Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com