Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI5341 Datasheet(PDF) 17 Page - Silicon Laboratories

Part # SI5341
Description  Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5341 Datasheet(HTML) 17 Page - Silicon Laboratories

Back Button SI5341_16 Datasheet HTML 13Page - Silicon Laboratories SI5341_16 Datasheet HTML 14Page - Silicon Laboratories SI5341_16 Datasheet HTML 15Page - Silicon Laboratories SI5341_16 Datasheet HTML 16Page - Silicon Laboratories SI5341_16 Datasheet HTML 17Page - Silicon Laboratories SI5341_16 Datasheet HTML 18Page - Silicon Laboratories SI5341_16 Datasheet HTML 19Page - Silicon Laboratories SI5341_16 Datasheet HTML 20Page - Silicon Laboratories SI5341_16 Datasheet HTML 21Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
4.2 High-Level Register Map
Table 4.1. High-Level Register Map
16-Bit Address
Content
8-bit Page Address
8-bit Register Address Range
00
00
Revision IDs
01
Set Page Address
02-0A
Device IDs
0B-15
Alarm Status
17-1B
INTR Masks
1C
Reset controls
2C-E1
Alarm Configuration
E2-E4
NVM Controls
FE
Device Ready Status
01
01
Set Page Address
08-3A
Output Driver Controls
41-42
Output Driver Disable Masks
FE
Device Ready Status
02
01
Set Page Address
02-05
XTAL Frequency Adjust
08-2F
Input Divider (P) Settings
30
Input Divider (P) Update Bits
35-3D
PLL Feedback Divider (M) Settings
3E
PLL Feedback Divider (M) Update Bit
47-6A
Output Divider (R) Settings
6B-72
User Scratch Pad Memory
FE
Device Ready Status
03
01
Set Page Address
02-37
MultiSynth Divider (N0-N4) Settings
0C
MultiSynth Divider (N0) Update Bit
17
MultiSynth Divider (N1) Update Bit
22
MultiSynth Divider (N2) Update Bit
2D
MultiSynth Divider (N3) Update Bit
38
MultiSynth Divider (N4) Update Bit
39-58
FINC/FDEC Settings N0-N4
59-62
Output Delay (Dt) Settings
63-94
Frequency Readback N0-N4
FE
Device Ready Status
Si5341/40 Rev D Data Sheet
Register Map
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com