Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI5341 Datasheet(PDF) 20 Page - Silicon Laboratories

Part # SI5341
Description  Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5341 Datasheet(HTML) 20 Page - Silicon Laboratories

Back Button SI5341_16 Datasheet HTML 16Page - Silicon Laboratories SI5341_16 Datasheet HTML 17Page - Silicon Laboratories SI5341_16 Datasheet HTML 18Page - Silicon Laboratories SI5341_16 Datasheet HTML 19Page - Silicon Laboratories SI5341_16 Datasheet HTML 20Page - Silicon Laboratories SI5341_16 Datasheet HTML 21Page - Silicon Laboratories SI5341_16 Datasheet HTML 22Page - Silicon Laboratories SI5341_16 Datasheet HTML 23Page - Silicon Laboratories SI5341_16 Datasheet HTML 24Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 53 page
background image
Table 5.2. DC Characteristics
(VDD=1.8V ± 5%, VDDA=3.3V ± 5%, VDDO=1.8V ± 5%, 2.5V ± 5%, or 3.3V ± 5%, TA= -40 to 85°C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Core Supply Current1, 2
IDD
Si5340/41
—
115
230
mA
IDDA
Si5340/41
—
120
130
mA
Output Buffer Supply Current
IDDOx
LVPECL Output3
@ 156.25 MHz
—
22
26
mA
LVDS Output3
@ 156.25 MHz
—
15
18
mA
3.3 V LVCMOS4 output
@ 156.25 MHz
—
22
30
mA
2.5 V LVCMOS4 output
@ 156.25 MHz
—
18
23
mA
1.8 V LVCMOS4 output
@ 156.25 MHz
—
12
16
mA
Total Power Dissipation1, 5
Pd
Si5341
—
880
1150
mW
Si5340
—
680
875
mW
Note:
1. Si5341 test configuration: 7 x 2.5 V LVDS outputs enabled @ 156.25 MHz. Excludes power in termination resistors.
2. Si5340 test configuration: 4 x 2.5 V LVDS outputs enabled @ 156.25 MHz. Excludes power in termination resistors.
3. Differential outputs terminated into an ac-coupled 100 Ω load.
4. LVCMOS outputs measured into a 6-inch 50 W PCB trace with 5 pF load. The LVCMOS outputs were set to
OUTx_CMOS_DRV=3, which is the strongest driver setting. Refer to the Si5341/40 Family Reference Manual for more details on
register settings.
50
50
100
OUT
OUTb
IDDO
Differential Output Test Configuration
0. 1 uF
0. 1 uF
50
OUTa
IDDO
5 pF
LVCMOS Output Test Configuration
6 inch
OUTb
5. Detailed power consumption for any configuration can be estimated using ClockBuilderPro when an evaluation board (EVB) is not
available. All EVBs support detailed current measurements for any configuration.
Si5341/40 Rev D Data Sheet
Electrical Specifications
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com