Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI5341 Datasheet(PDF) 41 Page - Silicon Laboratories

Part # SI5341
Description  Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5341 Datasheet(HTML) 41 Page - Silicon Laboratories

Back Button SI5341_16 Datasheet HTML 37Page - Silicon Laboratories SI5341_16 Datasheet HTML 38Page - Silicon Laboratories SI5341_16 Datasheet HTML 39Page - Silicon Laboratories SI5341_16 Datasheet HTML 40Page - Silicon Laboratories SI5341_16 Datasheet HTML 41Page - Silicon Laboratories SI5341_16 Datasheet HTML 42Page - Silicon Laboratories SI5341_16 Datasheet HTML 43Page - Silicon Laboratories SI5341_16 Datasheet HTML 44Page - Silicon Laboratories SI5341_16 Datasheet HTML 45Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
Pin Name
Pin Number
Pin Type1
Function
Si5341
Si5340
Outputs
OUT0
24
20
O
Output Clocks. These output clocks support a programmable
signal amplitude when configured as a differential output. Desired
output signal format is configurable using register control. Termi-
nation recommendations are provided in 3.5.2 Differential Output
Terminations and 3.5.4 LVCMOS Output Terminations. Unused
outputs should be left unconnected.
OUT0b
23
19
O
OUT1
28
25
O
OUT1b
27
24
O
OUT2
31
31
O
OUT2b
30
30
O
OUT3
35
36
O
OUT3b
34
35
O
OUT4
38
O
OUT4b
37
O
OUT5
42
O
OUT5b
41
O
OUT6
45
O
OUT6b
44
O
OUT7
51
O
OUT7b
50
O
OUT8
54
O
OUT8b
53
O
OUT9
59
O
OUT9b
58
O
Serial Interface
I2C_SEL
39
38
I
I2C Select.2 This pin selects the serial interface mode as I2C
(I2C_SEL = 1) or SPI (I2C_SEL = 0). This pin is internally pulled
up by a ~ 20 kΩ resistor to the voltage selected by the
IO_VDD_SEL register bit.
SDA/SDIO
18
13
I/O
Serial Data Interface.2 This is the bidirectional data pin (SDA) for
the I2C mode, or the bidirectional data pin (SDIO) in the 3-wire
SPI mode, or the input data pin (SDI) in 4-wire SPI mode. When
in I2C mode, this pin must be pulled-up using an external resistor
of at least 1 kΩ. No pull-up resistor is needed when in SPI mode.
A1/SDO
17
15
I/O
Address Select 1/Serial Data Output.2 In I2C mode, this pin
functions as the A1 address input pin and does not have an inter-
nal pull up or pull down resistor. In 4-wire SPI mode this is the se-
rial data output (SDO) pin (SDO) pin and drives high to the volt-
age selected by the IO_VDD_SEL pin.
SCLK
16
14
I
Serial Clock Input.2 This pin functions as the serial clock input
for both I2C and SPI modes.This pin is internally pulled up by a
~20 kΩ resistor to the voltage selected by the IO_VDD_SEL regis-
ter bit. In I2C mode this pin should have an external pull up of at
least 1 kΩ. No pull-up resistor is needed when in SPI mode.
Si5341/40 Rev D Data Sheet
Pin Descriptions
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com