Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI5341 Datasheet(PDF) 25 Page - Silicon Laboratories

Part # SI5341
Description  Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5341 Datasheet(HTML) 25 Page - Silicon Laboratories

Back Button SI5341_16 Datasheet HTML 21Page - Silicon Laboratories SI5341_16 Datasheet HTML 22Page - Silicon Laboratories SI5341_16 Datasheet HTML 23Page - Silicon Laboratories SI5341_16 Datasheet HTML 24Page - Silicon Laboratories SI5341_16 Datasheet HTML 25Page - Silicon Laboratories SI5341_16 Datasheet HTML 26Page - Silicon Laboratories SI5341_16 Datasheet HTML 27Page - Silicon Laboratories SI5341_16 Datasheet HTML 28Page - Silicon Laboratories SI5341_16 Datasheet HTML 29Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Output Voltage Low1, 2, 3
VOL
VDDO = 3.3 V
OUTx_CMOS_DRV=1
IOL = 10 mA
—
—
VDDO x 0.15
V
OUTx_CMOS_DRV=2
IOL = 12 mA
—
—
OUTx_CMOS_DRV=3
IOL = 17 mA
—
—
VDDO = 2.5 V
OUTx_CMOS_DRV=1
IOL = 6 mA
—
—
VDDO x 0.15
V
OUTx_CMOS_DRV=2
IOL = 8 mA
—
—
OUTx_CMOS_DRV=3
IOL = 11 mA
—
—
VDDO = 1.8 V
OUTx_CMOS_DRV=2
IOL = 4 mA
—
—
VDDO x 0.15
V
OUTx_CMOS_DRV=3
IOL = 5 mA
—
—
LVCMOS Rise and Fall
Times3
(20% to 80%)
tr/tf
VDDO = 3.3V
—
400
600
ps
VDDO = 2.5 V
—
450
600
ps
VDDO = 1.8 V
—
550
750
ps
Notes:
1. Driver strength is a register programmable setting and stored in NVM. Options are OUTx_CMOS_DRV = 1, 2, 3. Refer to the
Family Reference Manual for more details on register settings.
2. IOL/IOH is measured at VOL/VOH as shown in the dc test configuration.
3. A series termination resistor (Rs) is recommended to help match the source impedance to a 50 W PCB trace. A 5 pF capacitive
load is assumed. The LVCMOS outputs were set to OUTx_CMOS_DRV = 3.
Zs
IOL/IOH
VOL/VOH
50
OUT
OUTb
IDDO
Trace length 5 inches
50
4.7 pF
4.7 pF
56
499
499
56
AC Test Configuration
50 probe, scope
50 probe, scope
DC Block
DC Block
DC Test Configuration
Si5341/40 Rev D Data Sheet
Electrical Specifications
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com