Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI5341 Datasheet(PDF) 28 Page - Silicon Laboratories

Part # SI5341
Description  Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5341 Datasheet(HTML) 28 Page - Silicon Laboratories

Back Button SI5341_16 Datasheet HTML 24Page - Silicon Laboratories SI5341_16 Datasheet HTML 25Page - Silicon Laboratories SI5341_16 Datasheet HTML 26Page - Silicon Laboratories SI5341_16 Datasheet HTML 27Page - Silicon Laboratories SI5341_16 Datasheet HTML 28Page - Silicon Laboratories SI5341_16 Datasheet HTML 29Page - Silicon Laboratories SI5341_16 Datasheet HTML 30Page - Silicon Laboratories SI5341_16 Datasheet HTML 31Page - Silicon Laboratories SI5341_16 Datasheet HTML 32Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
Table 5.9. I2C Timing Specifications (SCL,SDA)
Parameter
Symbol
Test Condition
Standard Mode
100 kbps
Fast Mode
400 kbps
Units
Min
Max
Min
Max
SCL Clock Frequency
fSCL
—
100
—
400
kHz
Hold Time (Repeated)
START Condition
tHD:STA
4.0
—
0.6
—
μs
Low Period of the SCL Clock
tLOW
4.7
—
1.3
—
μs
HIGH Period of the SCL
Clock
tHIGH
4.0
—
0.6
—
μs
Set-up Time for a Repeated
START Condition
tSU:STA
4.7
—
0.6
—
μs
Data Hold Time
tHD:DAT
100
—
100
—
ns
Data Set-up Time
tSU:DAT
250
—
100
—
ns
Rise Time of Both SDA and
SCL Signals
tr
—
1000
20
300
ns
Fall Time of Both SDA and
SCL Signals
tf
—
300
—
300
ns
Set-up Time for STOP Con-
dition
tSU:STO
4.0
—
0.6
—
μs
Bus Free Time between a
STOP and START Condition
tBUF
4.7
—
1.3
—
μs
Data Valid Time
tVD:DAT
—
3.45
—
0.9
μs
Data Valid Acknowledge
Time
tVD:ACK
—
3.45
—
0.9
μs
Si5341/40 Rev D Data Sheet
Electrical Specifications
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com