Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI5341 Datasheet(PDF) 24 Page - Silicon Laboratories

Part # SI5341
Description  Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5341 Datasheet(HTML) 24 Page - Silicon Laboratories

Back Button SI5341_16 Datasheet HTML 20Page - Silicon Laboratories SI5341_16 Datasheet HTML 21Page - Silicon Laboratories SI5341_16 Datasheet HTML 22Page - Silicon Laboratories SI5341_16 Datasheet HTML 23Page - Silicon Laboratories SI5341_16 Datasheet HTML 24Page - Silicon Laboratories SI5341_16 Datasheet HTML 25Page - Silicon Laboratories SI5341_16 Datasheet HTML 26Page - Silicon Laboratories SI5341_16 Datasheet HTML 27Page - Silicon Laboratories SI5341_16 Datasheet HTML 28Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 53 page
background image
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Notes:
1. Output amplitude and common-mode settings are programmable through register settings and can be stored in NVM. Each out-
put driver can be programmed independently. The maximum LVDS single-ended amplitude can be up to 110 mV higher than the
TIA/EIA-644 maximum. Refer to the Si5341/40 Family Reference Manual for more suggested output settings. Not all combina-
tions of voltage amplitude and common mode voltages settings are possible.
OUTxb
OUTx
Vpp_se
Vpp_se
Vpp_ diff = 2* Vpp_se
Vcm
Vcm
2. Measured for 156.25 MHz carrier frequency. 100 mVpp sinewave noise added to VDDO = 3.3 V and noise spur amplitude meas-
ured.
3. Measured across two adjacent outputs, both in LVDS mode, with the victim running at 155.52 MHz and the aggressor at 156.25
MHz. Refer to application note, AN862: Optimizing Si534x Jitter Performance in Next Generation Internet Infrastructure Systems,
guidance on crosstalk minimization.
Table 5.6. LVCMOS Clock Output Specifications
(VDD=1.8V ± 5%, VDDA=3.3V ± 5%, VDDO=1.8V ± 5%, 2.5V ± 5%, or 3.3V ± 5%, TA= -40 to 85°C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Output Frequency
0.0001
—
250
MHz
Duty Cycle
DC
fOUT < 100 MHz
48
—
52
%
100 MHz < fOUT < 250 MHz
45
—
55
Output-to-Output Skew
TSK
Outputs on same MultiSynth.
FOUT = 156.25 MHz
—
30
140
ps
Output Voltage High1, 2, 3
VOH
VDDO = 3.3 V
OUTx_CMOS_DRV=1
IOH = -10 mA
VDDO x 0.85
—
—
V
OUTx_CMOS_DRV=2
IOH = -12 mA
—
—
OUTx_CMOS_DRV=3
IOH = -17 mA
—
—
VDDO = 2.5 V
OUTx_CMOS_DRV=1
IOH = -6 mA
VDDO x 0.85
—
—
V
OUTx_CMOS_DRV=2
IOH = -8 mA
—
—
OUTx_CMOS_DRV=3
IOH = -11 mA
—
—
VDDO = 1.8 V
OUTx_CMOS_DRV=2
IOH = -4 mA
VDDO x 0.85
—
—
V
OUTx_CMOS_DRV=3
IOH = -5 mA
—
—
Si5341/40 Rev D Data Sheet
Electrical Specifications
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com