Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI5341 Datasheet(PDF) 40 Page - Silicon Laboratories

Part # SI5341
Description  Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5341 Datasheet(HTML) 40 Page - Silicon Laboratories

Back Button SI5341_16 Datasheet HTML 36Page - Silicon Laboratories SI5341_16 Datasheet HTML 37Page - Silicon Laboratories SI5341_16 Datasheet HTML 38Page - Silicon Laboratories SI5341_16 Datasheet HTML 39Page - Silicon Laboratories SI5341_16 Datasheet HTML 40Page - Silicon Laboratories SI5341_16 Datasheet HTML 41Page - Silicon Laboratories SI5341_16 Datasheet HTML 42Page - Silicon Laboratories SI5341_16 Datasheet HTML 43Page - Silicon Laboratories SI5341_16 Datasheet HTML 44Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
Table 9.1. Pin Descriptions
Pin Name
Pin Number
Pin Type1
Function
Si5341
Si5340
Inputs
XA
8
5
I
Crystal and External Clock Input. These pins are used to con-
nect an external crystal or an external clock. See 3.3.1 XA/XB
Clock and Crystal Input and Figure 3.2 XAXB External Crystal and
Clock Connections on page 5 for connection information. If
IN_SEL[1:0] = 11b, then the XAXB input is selected. If the XAXB
input is not used and powered down, then both inputs can be left
unconnected. ClockBuilder Pro will power down an input that is
set as "Unused".
XB
9
6
I
X1
7
4
I
XTAL Shield. Connect these pins directly to the XTAL ground
pins. X1, X2, and the XTAL ground pins must not be connected to
the PCB ground plane. DO NOT GROUND THE CRYSTAL
GROUND PINS. Refer to the Si5341/40 Family Reference Manual
for layout guidelines. These pins should be left disconnected
when connecting XA/XB pins to an external reference clock.
X2
10
7
I
IN0
63
43
I
Clock Inputs. These pins accept both differential and single-
ended clock signals. Refer 3.3.2 Input Clocks (IN0, IN1, IN2) for
input termination options. These pins are high-impedance and
must be terminated externally. If both the INx and INx (with over-
strike) inputs are un-used and powered down, then both inputs
can be left floating. ClockBuilder Pro will power down an input that
is set as "Unused".
IN0b
64
44
I
IN1
1
1
I
IN1b
2
2
I
IN2
14
10
I
IN2b
15
11
I
FB_IN
61
41
I
External Feedback Input. These pins are used as the external
feedback input (FB_IN/FB_INb) for the optional zero delay mode.
See 3.5.12 Zero Delay Mode for details on the optional zero delay
mode. If FB_IN and FB_IN (with overstrike) are un-used and pow-
ered down, then both inputs can be left floating. ClockBuilder Pro
will power down an input that is set as "Unused".
FB_INb
62
42
I
Si5341/40 Rev D Data Sheet
Pin Descriptions
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com