Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI5341 Datasheet(PDF) 31 Page - Silicon Laboratories

Part # SI5341
Description  Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5341 Datasheet(HTML) 31 Page - Silicon Laboratories

Back Button SI5341_16 Datasheet HTML 27Page - Silicon Laboratories SI5341_16 Datasheet HTML 28Page - Silicon Laboratories SI5341_16 Datasheet HTML 29Page - Silicon Laboratories SI5341_16 Datasheet HTML 30Page - Silicon Laboratories SI5341_16 Datasheet HTML 31Page - Silicon Laboratories SI5341_16 Datasheet HTML 32Page - Silicon Laboratories SI5341_16 Datasheet HTML 33Page - Silicon Laboratories SI5341_16 Datasheet HTML 34Page - Silicon Laboratories SI5341_16 Datasheet HTML 35Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
Table 5.11. SPI Timing Specifications (3-Wire)
(VDD=1.8V ± 5%, VDDA=3.3V ± 5%, TA= -40 to 85°C)
Parameter
Symbol
Min
Typ
Max
Units
SCLK Frequency
fSPI
—
—
20
MHz
SCLK Duty Cycle
TDC
40
—
60
%
SCLK Period
TC
50
—
—
ns
Delay Time, SCLK Fall to SDO Turn-on
TD1
—
12.5
20
ns
Delay Time, SCLK Fall to SDO Next-bit
TD2
—
10
15
ns
Delay Time, CSb Rise to SDO Tri-State
TD3
—
10
15
ns
Setup Time, CSb to SCLK
TSU1
5
—
—
ns
Hold Time, CSb to SCLK Rise
TH1
5
—
—
ns
Setup Time, SDI to SCLK Rise
TSU2
5
—
—
ns
Hold Time, SDI to SCLK Rise
TH2
5
—
—
ns
Delay Time Between Chip Selects (CSb)
TCS
2
—
—
TC
SCLK
CSb
SDIO
TSU1
TD1
TSU2
TD2
TC
TCS
TD3
TH2
TH1
Figure 5.3. 3-Wire SPI Serial Interface Timing
Si5341/40 Rev D Data Sheet
Electrical Specifications
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com