Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI5341 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SI5341
Description  Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5341 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI5341_16 Datasheet HTML 4Page - Silicon Laboratories SI5341_16 Datasheet HTML 5Page - Silicon Laboratories SI5341_16 Datasheet HTML 6Page - Silicon Laboratories SI5341_16 Datasheet HTML 7Page - Silicon Laboratories SI5341_16 Datasheet HTML 8Page - Silicon Laboratories SI5341_16 Datasheet HTML 9Page - Silicon Laboratories SI5341_16 Datasheet HTML 10Page - Silicon Laboratories SI5341_16 Datasheet HTML 11Page - Silicon Laboratories SI5341_16 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
3.3.3 Input Selection (IN0, IN1, IN2, XA/XB)
The active clock input is selected using the IN_SEL[1:0] pins or by register control. A register bit determines input selection as pin or
register selectable. There are internal pull ups on the IN_SEL pins.
Table 3.1. Manual Input Selection Using IN_SEL[1:0] Pins
IN_SEL[1:0]
Selected Input
0
0
IN0
0
1
IN1
1
0
IN2
1
1
XA/XB
3.4 Fault Monitoring
The Si5340/41-D provides fault indicators which monitor loss of signal (LOS) of the inputs (IN0, IN1, IN2, XA/XB, FB_IN) and loss of
lock (LOL) for the PLL as shown in the figure below.
PLL
LPF
PD
Mn
IN0
IN0b
LOS0
÷P0
IN1
IN1b
÷P1
FB_IN
FB _INb
IN2
IN2b
÷P2
LOL
Si5341/40
XB
XA
OSC
÷Pfb
Md
÷
LOSXAB
LOS1
LOS2
LOSFB
Figure 3.4. LOS and LOL Fault Monitors
3.4.1 Status Indicators
The state of the status monitors are accessible by reading registers through the serial interface or with dedicated pin (LOLb). Each of
the status indicator register bits has a corresponding sticky bit in a separate register location. Once a status bit is asserted its corre-
sponding sticky bit (_FLG) will remain asserted until cleared. Writing a logic zero to a sticky register bit clears its state.
3.4.2 Interrupt Pin (INTRb)
An interrupt pin (INTRb) indicates a change in state with any of the status registers. All status registers are maskable to prevent asser-
tion of the interrupt pin. The state of the INTRb pin is reset by clearing the status registers.
Si5341/40 Rev D Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com