Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI5341 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # SI5341
Description  Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5341 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SI5341_16 Datasheet HTML 2Page - Silicon Laboratories SI5341_16 Datasheet HTML 3Page - Silicon Laboratories SI5341_16 Datasheet HTML 4Page - Silicon Laboratories SI5341_16 Datasheet HTML 5Page - Silicon Laboratories SI5341_16 Datasheet HTML 6Page - Silicon Laboratories SI5341_16 Datasheet HTML 7Page - Silicon Laboratories SI5341_16 Datasheet HTML 8Page - Silicon Laboratories SI5341_16 Datasheet HTML 9Page - Silicon Laboratories SI5341_16 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
3.3.1 XA/XB Clock and Crystal Input
An internal crystal oscillator exists between pin XA and XB. When this oscillator is enabled, an external crystal connected across these
pins will oscillate and provide a clock input to the PLL. A crystal frequency of 25 MHz can be used although crystals in the frequency
range of 48 MHz to 54 MHz are recommended for best jitter performance. Frequency offsets due to CL mismatch can be adjusted using
the frequency adjustment feature which allows frequency adjustments of ± 1000 ppm. The Si5340/41 Family Reference Manual pro-
vides additional information on PCB layout recommendations for the crystal to ensure optimum jitter performance. Refer to Table
5.12 Crystal Specifications on page 31 for crystal specifications.
To achieve optimal jitter performance and minimize BOM cost, a crystal is recommended on the XA/XB reference input. A clock (e.g.,
XO) may be used in lieu of the crystal, but it will result in higher output jitter. See the Si5340/41 Reference Manual for more information.
Selection between the external XTAL or input clock is controlled by register configuration. The internal crystal load capacitors (CL) are
disabled in the input clock mode. Refer to Table 5.3 Input Clock Specifications on page 20 for the input clock requirements at XAXB.
Both a single-ended or a differential input clock can be connected to the XA/XB pins as shown in the figure below. A PXAXB divider is
available to accommodate external clock frequencies higher than 54 MHz.
Differential Connection
2xCL
2xCL
XB
XA
2xCL
2xCL
XB
XA
Single- ended XO Connection
Crystal Connection
OSC
XB
XA
XTAL
2xCL
2xCL
Si5341/40
Si5341/40
Si5341/40
Note:2. 0 Vpp_ se max
XO with Clipped Sine Wave
Output
2xCL
2xCL
XB
XA
OSC
Si5341/40
Note:2. 0 Vpp_ se max
CMOS Output
R2
R1
XO VDD
R1
R2
3. 3V 523 ohms442 ohms
2. 5V 475ohms 649 ohms
1. 8V 158ohms 866 ohms
0. 1 uf
0. 1uf
0. 1uf
0. 1uf
0. 1uf
0. 1 uf
0. 1 uf
Single-ended Connection
Note:2. 5 Vpp diff max
X1
X2
nc
nc
X1
X2
nc
nc
X1
X2
nc
nc
X2
X1
OSC
OSC
Figure 3.2. XAXB External Crystal and Clock Connections
Si5341/40 Rev D Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com