Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI5341 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SI5341
Description  Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5341 Datasheet(HTML) 2 Page - Silicon Laboratories

  SI5341_16 Datasheet HTML 1Page - Silicon Laboratories SI5341_16 Datasheet HTML 2Page - Silicon Laboratories SI5341_16 Datasheet HTML 3Page - Silicon Laboratories SI5341_16 Datasheet HTML 4Page - Silicon Laboratories SI5341_16 Datasheet HTML 5Page - Silicon Laboratories SI5341_16 Datasheet HTML 6Page - Silicon Laboratories SI5341_16 Datasheet HTML 7Page - Silicon Laboratories SI5341_16 Datasheet HTML 8Page - Silicon Laboratories SI5341_16 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
1. Features List
The Si5341/40 Rev D features are listed below:
• Generates any combination of output frequencies from any in-
put frequency
• Ultra-low jitter of 90 fs rms
• Input frequency range:
• External crystal: 25 to 54 MHz
• Differential clock: 10 to 750 MHz
• LVCMOS clock: 10 to 250 MHz
• Output frequency range:
• Differential: 100 Hz to 1028 MHz
• LVCMOS: 100 Hz to 250 MHz
• Highly configurable outputs compatible with LVDS, LVPECL,
LVCMOS, CML, and HCSL with programmable signal ampli-
tude
• Locks to gapped clock inputs
• Optional zero delay mode
• Glitchless on the fly output frequency changes
• DCO mode: as low as 0.001 ppb steps
• Core voltage
• VDD: 1.8 V ±5%
• VDDA: 3.3 V ±5%
• Independent output clock supply pins
• 3.3 V, 2.5 V, or 1.8 V
• Serial interface: I2C or SPI
• In-circuit programmable with non-volatile OTP memory
• ClockBuilder Pro software simplifies device configuration
• Si5341: 4 input, 10 output, 64-QFN 9x9 mm
• Si5340: 4 input, 4 output, 44-QFN 7x7 mm
• Temperature range: –40 to +85 °C
• Pb-free, RoHS-6 compliant
Si5341/40 Rev D Data Sheet
Features List
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com