Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI5341 Datasheet(PDF) 21 Page - Silicon Laboratories

Part # SI5341
Description  Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5341 Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button SI5341_16 Datasheet HTML 17Page - Silicon Laboratories SI5341_16 Datasheet HTML 18Page - Silicon Laboratories SI5341_16 Datasheet HTML 19Page - Silicon Laboratories SI5341_16 Datasheet HTML 20Page - Silicon Laboratories SI5341_16 Datasheet HTML 21Page - Silicon Laboratories SI5341_16 Datasheet HTML 22Page - Silicon Laboratories SI5341_16 Datasheet HTML 23Page - Silicon Laboratories SI5341_16 Datasheet HTML 24Page - Silicon Laboratories SI5341_16 Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
Table 5.3. Input Clock Specifications
(VDD=1.8V ± 5%, VDDA=3.3V ± 5%, TA=-40 to 85°C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Standard Input Buffer with Differential or Single-Ended - AC-Coupled (IN0/IN0b, IN1/IN1b, IN2/IN2b, FB_IN/FB_INb)
Input Frequency Range
fIN
Differential
0.008
750
MHz
All Single-ended Signals
(including LVCMOS)
0.008
250
MHz
Input Voltage Swing1
VIN
Differential AC-coupled
fIN < 250 MHz
100
1800
mVpp_se
Differential AC-coupled
250 MHz < fIN < 750 MHz
225
1800
mVpp_se
Single-ended AC-coupled
fIN < 250 MHz
100
3600
mVpp_se
Slew Rate2, 3
SR
400
V/μs
Duty Cycle
DC
40
60
%
Input Capacitance
CIN
0.3
pF
Input Resistance
RIN
16
kΩ
Pulsed CMOS Input Buffer - DC Coupled (IN0, IN1, IN2)4
Input Frequency
fIN
0.008
250
MHz
Input Voltage
VIL
–0.2
0.4
V
VIH
0.8
V
Slew Rate2, 3
SR
400
V/μs
Duty Cycle
DC
Clock Input
40
60
%
Minimum Pulse Width
PW
Pulse Input
1.6
ns
Input Resistance
RIN
8
kΩ
REFCLK (Applied to XA/XB)
Input Frequency Range
fIN
Full operating range. Jitter
performance may be re-
duced.
10
200
MHz
Range for best jitter.
48
54
MHz
Input Single-ended Voltage
Swing
VIN_SE
365
2000
mVpp_se
Input Differential Voltage Swing
VIN_DIFF
365
2500
mVpp_diff
Slew Rate2, 3
SR
Imposed for best jitter per-
formance
400
V/μs
Input Duty Cycle
DC
40
60
%
Si5341/40 Rev D Data Sheet
Electrical Specifications
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com