Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI5341 Datasheet(PDF) 12 Page - Silicon Laboratories

Part # SI5341
Description  Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5341 Datasheet(HTML) 12 Page - Silicon Laboratories

Back Button SI5341_16 Datasheet HTML 8Page - Silicon Laboratories SI5341_16 Datasheet HTML 9Page - Silicon Laboratories SI5341_16 Datasheet HTML 10Page - Silicon Laboratories SI5341_16 Datasheet HTML 11Page - Silicon Laboratories SI5341_16 Datasheet HTML 12Page - Silicon Laboratories SI5341_16 Datasheet HTML 13Page - Silicon Laboratories SI5341_16 Datasheet HTML 14Page - Silicon Laboratories SI5341_16 Datasheet HTML 15Page - Silicon Laboratories SI5341_16 Datasheet HTML 16Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
3.5.12 Zero Delay Mode
A zero delay mode is available for applications that require fixed and consistent minimum delay between the selected input and outputs.
The zero delay mode is configured by opening the internal feedback loop through software configuration and closing the loop externally
as shown in the figure below. This helps to cancel out the internal delay introduced by the dividers, the crosspoint, the input, and the
output drivers. Any one of the outputs can be fed back to the FB_IN pins, although using the output driver that achieves the shortest
trace length will help to minimize the input-to-output delay. It is recommended to connect OUT9 (Si5341) or OUT3 (Si5340) to FB_IN for
external feedback. The FB_IN input pins must be terminated and ac-coupled when zero delay mode is used. A differential external
feedback path connection is necessary for best performance.
Zero Delay
Mode
Si5341
IN_SEL[1:0]
IN0
IN0b
IN1
IN1b
IN2
IN2b
÷ P0
÷ P1
÷ P2
OUT0b
VDDO0
OUT0
OUT2b
VDDO2
OUT2
OUT3b
VDDO3
OUT3
OUT7b
VDDO7
OUT7
OUT8b
VDDO8
OUT8
OUT9b
VDDO9
OUT9
OUT1b
VDDO1
OUT1
MultiSynth
& Dividers
FB_IN
FB_INb
External Feedback Path
PD
LPF
÷
Mn
Md
÷
N9n
N9d
÷R9
fFB =fIN
fIN
÷Pfb
PLL
Figure 3.8. Si5341 Zero Delay Mode Setup
3.5.13 Sync Pin (Synchronizing R Dividers)
All the output R dividers are reset to the default NVM register state after a power-up or a hard reset. This ensures consistent and re-
peatable phase alignment across all output drivers to within ±100 ps of the expected value from the NVM download. Resetting the de-
vice using the RSTb pin or asserting the hard reset bit will have the same result. The SYNCb pin provides another method of re-aligning
the R dividers without resetting the device, however, the outputs will only align to within 50 ns when using the SYNCb pin. This pin is
positive edge triggered. Asserting the sync register bit provides the same function as the SYNCb pin. A soft reset will align the outputs
to within ±100 ps of the expected value based upon the Nx_DELAY parameter.
3.5.14 Output Crosspoint
The output crosspoint allows any of the N dividers to connect to any of the clock outputs.
Si5341/40 Rev D Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com