Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI5341 Datasheet(PDF) 26 Page - Silicon Laboratories

Part # SI5341
Description  Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5341 Datasheet(HTML) 26 Page - Silicon Laboratories

Back Button SI5341_16 Datasheet HTML 22Page - Silicon Laboratories SI5341_16 Datasheet HTML 23Page - Silicon Laboratories SI5341_16 Datasheet HTML 24Page - Silicon Laboratories SI5341_16 Datasheet HTML 25Page - Silicon Laboratories SI5341_16 Datasheet HTML 26Page - Silicon Laboratories SI5341_16 Datasheet HTML 27Page - Silicon Laboratories SI5341_16 Datasheet HTML 28Page - Silicon Laboratories SI5341_16 Datasheet HTML 29Page - Silicon Laboratories SI5341_16 Datasheet HTML 30Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 53 page
background image
Table 5.7. Output Status Pin Specifications
(VDD=1.8V ± 5%, VDDA=3.3V ± 5%, VDDS= 3.3V ± 5%, 1.8V ± 5%, TA= -40 to 85°C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Si5341/40 Status Output Pins (INTRb, SDA/SDIO)1
Output Voltage
VOH
IOH = -2 mA
VDDIO2 x
0.85
—
—
V
VOL
IOL = 2 mA
—
—
VDDIO2x
0.15
V
Si5341 Status Output Pins (LOLb)
Output Voltage
VOH
IOH = -2 mA
VDDIO2 x
0.85
—
—
V
VOL
IOL = 2 mA
—
—
VDDIO2 x
0.15
V
Si5340 Status Output Pins (LOLb, LOS_XAXBb)
Output Voltage
VOH
IOH = -2 mA
VDDS x 0.85
—
—
V
VOL
IOL = 2 mA
—
—
VDDSx 0.15
V
Notes:
1. The VOH specification does not apply to the open-drain SDA/SDIO output when the serial interface is in I2C mode or is unused
with I2C_SEL pulled high. VOL remains valid in all cases.
2. VDDIO is determined by the IO_VDD_SEL bit. It is selectable as VDDA or VDD. Refer to the Family Reference Manual for more
details on register settings.
Table 5.8. Performance Characteristics
(VDD=1.8V ± 5%, VDDA=3.3V ± 5%, TA= -40 to 85°C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
VCO Frequency Range
FVCO
13.5
—
14.4
GHz
PLL Loop Bandwidth
fBW
—
1.0
—
MHz
Initial Start-Up Time
tSTART
Time from power-up to
when the device gener-
ates clocks (Input Fre-
quency >48 MHz)
—
30
45
ms
PLL Lock Time1
tACQ
fIN = 19.44 MHz
15
—
150
ms
Output Delay Adjustment
tDELAY_frac
fVCO = 14 GHz
Delay is controlled by the
MultiSynth
—
0.28
—
ps
tDELAY_int
—
71.4
—
ps
tRANGE
—
±9.14
—
ns
POR2 to Serial Interface Ready
tRDY
—
—
15
ms
Si5341/40 Rev D Data Sheet
Electrical Specifications
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com