Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI5341 Datasheet(PDF) 51 Page - Silicon Laboratories

Part # SI5341
Description  Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5341 Datasheet(HTML) 51 Page - Silicon Laboratories

Back Button SI5341_16 Datasheet HTML 45Page - Silicon Laboratories SI5341_16 Datasheet HTML 46Page - Silicon Laboratories SI5341_16 Datasheet HTML 47Page - Silicon Laboratories SI5341_16 Datasheet HTML 48Page - Silicon Laboratories SI5341_16 Datasheet HTML 49Page - Silicon Laboratories SI5341_16 Datasheet HTML 50Page - Silicon Laboratories SI5341_16 Datasheet HTML 51Page - Silicon Laboratories SI5341_16 Datasheet HTML 52Page - Silicon Laboratories SI5341_16 Datasheet HTML 53Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 51 / 53 page
background image
Table of Contents
1. Features List ............................... 1
2. Ordering Guide
.............................. 2
3. Functional Description............................ 4
3.1 Power-up and Initialization
......................... 4
3.2 Frequency Configuration .......................... 4
3.3 Inputs
................................ 4
3.3.1 XA/XB Clock and Crystal Input
....................... 5
3.3.2 Input Clocks (IN0, IN1, IN2)
........................ 6
3.3.3 Input Selection (IN0, IN1, IN2, XA/XB) ..................... 7
3.4 Fault Monitoring ............................. 7
3.4.1 Status Indicators ............................ 7
3.4.2 Interrupt Pin (INTRb) ........................... 7
3.5 Outputs ................................ 8
3.5.1 Output Signal Format........................... 8
3.5.2 Differential Output Terminations ....................... 8
3.5.3 Programmable Common Mode Voltage for Differential Outputs............. 8
3.5.4 LVCMOS Output Terminations
....................... 9
3.5.5 LVCMOS Output Impedance and Drive Strength Selection .............. 9
3.5.6 LVCMOS Output Signal Swing
....................... 9
3.5.7 LVCMOS Output Polarity ......................... 9
3.5.8 Output Enable/Disable .......................... 9
3.5.9 Output Driver State When Disabled ...................... 9
3.5.10 Synchronous/Asynchronous Output Disable Feature ................10
3.5.11 Output Delay Control (t0-t4) ........................10
3.5.12 Zero Delay Mode............................11
3.5.13 Sync Pin (Synchronizing R Dividers) .....................11
3.5.14 Output Crosspoint ...........................11
3.5.15 Digitally Controlled Oscillator (DCO) Modes ...................12
3.5.15.1 DCO with Frequency Increment/Decrement Pins/Bits ...............12
3.5.15.2 DCO with Direct Register Writes ......................12
3.6 Power Management ............................12
3.7 In-Circuit Programming ...........................12
3.8 Serial Interface
.............................12
3.9 Custom Factory Preprogrammed Devices ....................12
3.10 Enabling Features and/or Configuration Settings Not Available in ClockBuilder Pro for Factory Pre-
Programmed Devices
...........................
13
4. Register Map ..............................
15
4.1 Addressing Scheme ............................15
4.2 High-Level Register Map ..........................16
5. Electrical Specifications ..........................
18
6. Typical Application Schematic ........................
33
Table of Contents
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com