Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI5341 Datasheet(PDF) 23 Page - Silicon Laboratories

Part # SI5341
Description  Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5341 Datasheet(HTML) 23 Page - Silicon Laboratories

Back Button SI5341_16 Datasheet HTML 19Page - Silicon Laboratories SI5341_16 Datasheet HTML 20Page - Silicon Laboratories SI5341_16 Datasheet HTML 21Page - Silicon Laboratories SI5341_16 Datasheet HTML 22Page - Silicon Laboratories SI5341_16 Datasheet HTML 23Page - Silicon Laboratories SI5341_16 Datasheet HTML 24Page - Silicon Laboratories SI5341_16 Datasheet HTML 25Page - Silicon Laboratories SI5341_16 Datasheet HTML 26Page - Silicon Laboratories SI5341_16 Datasheet HTML 27Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
Table 5.5. Differential Clock Output Specifications
(VDD=1.8 V ± 5%, VDDA=3.3V ± 5%, VDDO=1.8 V ± 5%, 2.5 V ± 5%, or 3.3 V ± 5%, TA= -40 to 85°C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Output Frequency
fOUT
MultiSynth not used
0.0001
720
MHz
733.33
800.00
825
1028
MultiSynth used
0.0001
720
MHz
Duty Cycle
DC
fOUT < 400 MHz
48
52
%
400 MHz < fOUT < 1028 MHz
45
55
%
Output-Output Skew
Using Same MultiSynth
TSKS
Outputs on same MultiSynth
(Measured at 712.5 MHz)
65
ps
Output-Output Skew
Between MultiSynths
TSKD
Outputs from different
MultiSynths
(Measured at 712.5 MHz)
90
ps
OUT-OUTb Skew
TSK_OUT
Measured from the positive
to negative output pins
0
50
ps
Output Voltage Swing1
VOUT
LVDS
350
430
510
mVpp_se
LVPECL
640
750
900
Common Mode Voltage1, 2
VCM
VDDO = 3.3 V
LVDS
1.10
1.2
1.3
V
LVPECL
1.90
2.0
2.1
VDDO = 2.5 V
LVPECL
LVDS
1.1
1.2
1.3
VDDO = 1.8 V
Sub-LVDS
0.8
0.9
1.0
Rise and Fall Times
(20% to 80%)
tR/tF
100
150
ps
Differential Output Impedance
ZO
100
Ω
Power Supply Noise Rejection2
PSRR
10 kHz sinusoidal noise
–101
dBc
100 kHz sinusoidal noise
–96
500 kHz sinusoidal noise
–99
1 MHz sinusoidal noise
–97
Output-Output Crosstalk3
XTALK
Si5341
–72
dBc
Si5340
–88
dBc
Si5341/40 Rev D Data Sheet
Electrical Specifications
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com